Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFUS Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX-SFUS
Description  Ultra-Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFUS Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX-SFUS Datasheet HTML 5Page - ON Semiconductor AX-SFUS Datasheet HTML 6Page - ON Semiconductor AX-SFUS Datasheet HTML 7Page - ON Semiconductor AX-SFUS Datasheet HTML 8Page - ON Semiconductor AX-SFUS Datasheet HTML 9Page - ON Semiconductor AX-SFUS Datasheet HTML 10Page - ON Semiconductor AX-SFUS Datasheet HTML 11Page - ON Semiconductor AX-SFUS Datasheet HTML 12Page - ON Semiconductor AX-SFUS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AX−SFUS, AX−SFUS−API
www.onsemi.com
9
Figure 4. Typical Spectrum with Harmonics at 24 dBm Output Power
Ref
−20 dBm
Att
5dB
*
*
*
*
1AV
CLRWR
A
3DB
RBW 1MHz
VBW 3MHz
SWT 10 s
*
Center
3.5 GHz
Span
5GHz
500 MHz/
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
1
Marker 1 [T1 ]
−34.50 dBm
1.801282051 GHz
2
Marker 2 [T1 ]
−78.31 dBm
2.706730769 GHz
3
Marker 3 [T1 ]
−59.62 dBm
3.612179487 GHz
4
Marker 4 [T1 ]
−67.47 dBm
4.509615385 GHz
FCCP15H0
FCCP15H1
Table 8. RECEIVER
Conditions for transmitter specifications unless otherwise specified with the antenna network from AX−SFUS Application Note: Sigfox
Compliant Reference Design and at 869.525 MHz.
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
600
bps
ISBER868
AT$SB=x,1, AT$SF=x,1,
AT$TM=3,x PER < 0.1
−128
dBm
BLK905
Blocking at
±10 MHz
offset
Channel/Blocker @ PER = 0.1, wanted signal
level is +3 dB above the typical sensitivity, the
blocker signal is CW
78
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com