Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33996EK/R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # PC33996EK/R2
Description  16-Output Switch with SPI Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33996EK/R2 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button PC33996EK/R2 Datasheet HTML 2Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 3Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 4Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 5Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 6Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 9Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
33996
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
DIGITAL INTERFACE
Input Logic Voltage Thresholds (Note 14)
VINLOGIC
0.8–2.2
V
Input Logic Voltage Thresholds for RST
VINRST
SOPWR/2-0.7
SOPWR/2
SOPWR/ 2+0.7
V
SI Pull-Down Current
SI = 5.0 V
ISI
2.0
10
30
µA
CS
Pull-Up Current
CS
= 0 V
ICS
-30
-10
-2.0
µA
SCLK Pull-Down Current
SCLK = 5.0 V
ISCLK
2.0
10
30
µA
RST
Pull-Down Current
RST
= 5.0 V
IRST
5.0
25
50
µA
PWM Pull-Down Current
IPWM
2.0
10
30
µA
SO High State Output Voltage
ISO-high = -1.6 mA
VSOH
SOPWR -0.4
SOPWR -0.2
–
V
SO Low State Output Voltage
ISO-low = 1.6 mA
VSOL
––
0.4
V
Input Capacitance on SCLK, SI, Tri-State SO, RST (Note 15)
CIN
–
–
20
pF
Notes
14.
Upper and lower logic threshold voltage levels apply to SI, CS, SCLK, and PWM.
15.
This parameter is guaranteed by design but not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 3.1 V ≤ SOPWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise noted.
Where applicable, typical values noted reflect the parameter ‘s approximate value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com