Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33996EK/R2 Datasheet(PDF) 13 Page - Motorola, Inc

Part # PC33996EK/R2
Description  16-Output Switch with SPI Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33996EK/R2 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button PC33996EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 9Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 10Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 11Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 15Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33996
13
FAULT OPERATION
On each SPI communication, a 24-bit command word is sent
to the 33996 and 24-bit fault word is received from the 33996.
The Most Significant Bit (MSB) is sent and received first.
Command Register Definition:
0 = Output Command Off
1 = Output Command On
SO Definition:
0 = No fault
1 = Fault
APPLICATIONS
Power Consumption
The 33996 has been designed with one Sleep mode and one
Operational mode. In Sleep mode (SOPWR ≤ 2.0 V) the current
consumed by the VPWR pin is less than 10
µA. To place the
33996 in Sleep mode, turn all outputs OFF and remove power
from the SOPWR pin. During normal operation, 500
µA is
drawn from the SOPWR supply and 8.0 mA from the VPWR
supply.
Paralleling of Outputs
Using MOSFETs as output switches allows the connection of
any combination of outputs together. The RDS(ON) of MOSFETs
has an inherent positive temperature coefficient, providing
balanced current sharing between outputs without destructive
operation. This mode of operation may be desirable in the event
the application requires lower power dissipation or the added
capability of switching higher currents. Performance of parallel
operation results in a corresponding decrease in RDS(ON), while
the Output Current Limit increases correspondingly. Output
OFF Open Load Detect current may increase based on how the
Output OFF Open Load Detect is programmed. Paralleling
outputs from two or more different IC devices is possible but not
recommended.
Care must be taken when paralleling outputs for inductive
loads. The Output Voltage Clamp of the output drivers may not
match. One MOSFET output must be capable of the inductive
energy from the load turn OFF.
SPI Integrity Check
Checking the integrity of the SPI communication is
recommended upon initial power-up of the SOPWR pin. After
initial system start-up or reset, the MCU writes one 48-bit
pattern to the 33996.
The first 24 bits read by the MCU is the fault status of the
outputs, while the second 24 bits is the first bit pattern sent. By
the MCU receiving the same bit pattern it sent, bus integrity is
confirmed. Please note the second 24 bits the MCU sends to
the 33996 are the command bits and will program registers or
activate outputs on the rising edge of CS.
Output OFF Open Load Fault
An Output OFF Open Load Fault is the detection and
reporting of an open load when the corresponding output is
disabled (input bit programmed to a logic low state). The Output
OFF Open Load Fault is detected by comparing the drain-to-
Table 2. Fault Operation
Serial Output (SO) Pins Reports
Overtemperature
Fault reported by Serial Output (SO) pin.
Overcurrent
SO pin reports short to battery/supply or overcurrent condition.
Output “ON’ Open Load Fault
Not reported.
Output “OFF’” Open Load Fault
SO pin reports output “OFF’” open load condition.
Device Shutdowns
Overvoltage
Total device shutdown at VPWR = 27.5 V to 35 V. Resumes normal operation with proper voltage. Upon
recovery all outputs assume previous state or OFF based on the Overvoltage bit in the Global Shutdown/
Retry Control Register.
Overtemperature
Only the output experiencing an overtemperature fault shuts down. Output may auto-retry or remain off
according to the control bits in the Global Shutdown/Retry Control Register.
Overcurrent
Output will remain in current limit 0.9 A to 2.5 A until thermal limit is reached. When thermal limit is reached,
device will enter overtemperature shutdown. Output will operate as programmed in the Global Shutdown/
Retry Control Register. Fault flag in SO Response word will be set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com