Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33996EK/R2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # PC33996EK/R2
Description  16-Output Switch with SPI Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33996EK/R2 Datasheet(HTML) 2 Page - Motorola, Inc

  PC33996EK/R2 Datasheet HTML 1Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 2Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 3Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 4Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 5Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 6Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33996EK/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
33996
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33996 Simplified Internal Block Diagram
ILimit
OUT0
1
RS
Short and
Open
Load
Detect
Overtemperature
Detect
SI
SCLK
VDD
Gate
Control
50 V
OUT1–OUT15:
2, 4, 5, 12, 13,
15, 16, 17, 18,
20, 21, 28, 29,
31, 32
GND Pins:
7–10
23– 26
Voltage
Regulator
Input
Buffers
OVD
RB
SFPDB
CSB
SCLK
SI
SO
CSI
CSBI
To Gates
1to15
From Detectors 1to15
VPWR
SPI
Interface
Logic
OT
SF
OF
10
µA
25
µA
Bias
19
11
27
30
6
10
µA
10
µA
SFL
VDD
SOPWR
3
10
µA
Open
Load
Detect
Enable
Overvoltage
Detect
GE
VDD
Serial D/O
Line Driver
PWM
RST
14
CS
SO
22
VRef
50
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com