Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8409GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8409GS
Description  Green Mode Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8409GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8409GS Datasheet HTML 1Page - Richtek Technology Corporation RT8409GS Datasheet HTML 2Page - Richtek Technology Corporation RT8409GS Datasheet HTML 3Page - Richtek Technology Corporation RT8409GS Datasheet HTML 4Page - Richtek Technology Corporation RT8409GS Datasheet HTML 5Page - Richtek Technology Corporation RT8409GS Datasheet HTML 6Page - Richtek Technology Corporation RT8409GS Datasheet HTML 7Page - Richtek Technology Corporation RT8409GS Datasheet HTML 8Page - Richtek Technology Corporation RT8409GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT8409
4
DS8409-00
September 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC UVLO ON
VUVLO_ON
17
18
19
V
VCC UVLO OFF
VUVLO_OFF
6.5
7
8
V
VCC Shutdown Current
ISD
VCC = VUVLO_ON  3V
--
1.5
3
A
VCC Quiescent Current
IQC
Gate stands still
--
0.5
2
mA
VCC Operating Current
ICC
By CGATE = 1nF, Freq.= 20kHz
--
1
2
mA
VCC OVP Level
VCC_OVP
23.75
25
26.25
V
Current Sense Threshold
VSENSE
0.97
1.04
1.11
V
Sense Pin Leakage Current
ISENSE
VSENSE = 3V
--
1
5
A
FB Pin Threshold
VFB
1.7
1.75
1.8
V
FB Over Voltage Protection
VFB_OVP
1.82
1.96
2.1
V
FB Pin Leakage Current
IFB
VFB = 5V
--
1
3
A
Switch Off Time
tOFF
18
25
32
s
Static Drain-Source
On-Resistance
RDS(ON)
VGD = 12V, ID = 50mA
--
6
--

Drain-Source Leakage
Current
IDSS
VDS = 600V
--
--
10
A
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range, VCC ----------------------------------------------------------------------------------- 11V to 22V
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC -------------------------------------------------------------------------------------------- 40V
Power Dissipation, PD @ TA = 25
°C
SOP-8 ---------------------------------------------------------------------------------------------------------------------- 0.48W
Package Thermal Resistance (Note 2)
SOP-8,
θJA----------------------------------------------------------------------------------------------------------------- 206.9°C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------------------- 2kV
(VCC = 15V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com