Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8409GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8409GS
Description  Green Mode Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8409GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8409GS Datasheet HTML 1Page - Richtek Technology Corporation RT8409GS Datasheet HTML 2Page - Richtek Technology Corporation RT8409GS Datasheet HTML 3Page - Richtek Technology Corporation RT8409GS Datasheet HTML 4Page - Richtek Technology Corporation RT8409GS Datasheet HTML 5Page - Richtek Technology Corporation RT8409GS Datasheet HTML 6Page - Richtek Technology Corporation RT8409GS Datasheet HTML 7Page - Richtek Technology Corporation RT8409GS Datasheet HTML 8Page - Richtek Technology Corporation RT8409GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT8409
3
DS8409-00
September 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Operation
The RT8409 senses the output voltage via the bootstrap
loop. The output voltage feedback signal is compared to
an internal reference voltage for the output voltage
regulation. The COMP pin, which is the operational
amplifier output node, is used for the control loop
compensation to obtain stable response. To stabilize the
system properly select the compensation network is
required.
The FB pin is the voltage loop input for the system
regulation. The above COMP pin related compensation
will be determined by specified system demand and be
adapted to various applications.
Burst Mode
For the no load power saving demand, burst mode is a
way to save power and maintain output regulation. High
efficiency is achieved at light loads when Burst Mode
operation is entered. The typical burst mode trigger levels
are defined as follows. The MOSFET will stop switching
when VC voltage goes lower than 200mV (typ.). The
MOSFET will resume switching again once the VC voltage
goes higher than 300mV (typ.).
In this mode the output ripple has a variable frequency
component that depends upon load current. Burst Mode
operation ripple can be reduced slightly by using more
output capacitance.
VC
VDS
IOUT
VC.high
VC.low
+
-
State Machine
Regulator
A
VCC
DRAIN
SGND
SENSE
COMP
FB
1.75V
EA
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com