Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8409GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8409GS
Description  Green Mode Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8409GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8409GS Datasheet HTML 3Page - Richtek Technology Corporation RT8409GS Datasheet HTML 4Page - Richtek Technology Corporation RT8409GS Datasheet HTML 5Page - Richtek Technology Corporation RT8409GS Datasheet HTML 6Page - Richtek Technology Corporation RT8409GS Datasheet HTML 7Page - Richtek Technology Corporation RT8409GS Datasheet HTML 8Page - Richtek Technology Corporation RT8409GS Datasheet HTML 9Page - Richtek Technology Corporation RT8409GS Datasheet HTML 10Page - Richtek Technology Corporation RT8409GS Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT8409
8
DS8409-00
September 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications Information
The RT8409 is a constant off time control, high efficiency
constant voltage high side converter with internal MOSFET.
It can be used in buck down solution, to provide a constant
output voltage to the load. It contains high side bootstrap
voltage sense circuitry, while minimizing external
component count. The SOP8 package keeps application
footprint small, and makes the RT8409 a cost effective
solution for off-line buck converter.
The RT8409 can achieve high accuracy output voltage via
FB pin, which is the average output voltage sense feedback
loop control pin. The internal FB reference voltage (1.75V
typ.) is used to set the average output voltage by the
external resistor, R2A, R2B. The sense voltage from sense
pin is used for Over Current Protection (OCP) function.
Under-Voltage Lockout (UVLO)
The RT8409 includes a UVLO function with 11V hysteresis.
For system start up, the VCC must rise over 18V (typ.) to
turn on the internal MOSFET.
The internal MOSFET will be turned off if VCC falls below
7V (typ.)
Setting Average Output Voltage
The output voltage that provides to the output load is set
by external resistors, R2A, R2B, which is connected
between the cathode of D7 and SGND pins. The
relationship between output voltage, and R2A, R2B is
shown below :
Start-Up Resistor
The start-up resistor should be chosen to set the start up
current exceeds certain minimum value. Otherwise, the
RT8409 may latch off and the system will never start. The
start-up current equals
where 90V is assumed the minimum line input voltage.
The typical required minimum start-up current is 60
μA.
The recommended total start-up resistance RSTART for
universal inputs should be no more than 2M
Ω.
2A
2B
OUT
F_D7
F_D5
2B
R
+ R
V
=
1.75V + V
- V
R
START
290V
R
Input Diode Bridge Rectifier Selection
The voltage rating of the input bridge rectifier, VBR,
dependent on the input voltage. Thus, the VBR rating is
calculated as below :


VBR = 1.2
2 VAC MAX


 
VBR = 1.2
2 VAC MAX
= 1.2
2 264 = 448V

where VAC(MAX) is the maximum input voltage (RMS)
and the parameter 1.2 is used for safety margin.
For this example :
If the input source is universal, VBR will reach 448V. In
this case, a 600V, 0.5A bridge rectifier can be chosen.
Inductor Selection
For best efficiency, the RT8409 should be operated near
boundary conduction mode. Based on this recommendation,
the required inductor value is related to the input voltage,
output voltages, the min. on-time and the max. off time.
The inductor saturation current will be related to the over
current limit set by the sense resistor between the sense
pin and ground pin. The over current limit design information
can be found in the later section.
The peak current of inductor is showed as below :
IN
OUT
PEAK
ON
VV
I
=
t
L

IN
OUT
OUT
F_D5
SW
OUT
IN
V
V
V
+ V
L
2
f
I
V



2
ba
c
b
OFF_1
a
OUT
IN
a
IN
OUT
OUT
OUT
b
IN
OUT
OUT
OFF
K +
K
+ 4
K
K
t
=
2
K
V
V
K
=
L
V
V
V
I
K =
V
V
Kc = I
t


Where
VOUT is output voltage.
VIN is input voltage.
IOUT is full load current.
OUT
ON
OFF_1
IN
OUT
V
t
=
t
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com