Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8494GS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation RT8494GS Datasheet HTML 12Page - Richtek Technology Corporation RT8494GS Datasheet HTML 13Page - Richtek Technology Corporation RT8494GS Datasheet HTML 14Page - Richtek Technology Corporation RT8494GS Datasheet HTML 15Page - Richtek Technology Corporation RT8494GS Datasheet HTML 16Page - Richtek Technology Corporation RT8494GS Datasheet HTML 17Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RT8494
13
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Over-Temperature Protection
The RT8494 provides an Over-Temperature Protection
(OTP) function to prevent the excessive power dissipation
from overheating. The OTP function will shut down
switching operation when the die junction temperature
exceeds 145
°C. The chip will automatically start to switch
again when the die junction temperature cools off.
Inductor Selection
The converter operates in discontinuous conduction mode
when the inductance value is less than the value LBCM.
With an inductance greater than LBCM, the converter
operates in Continuous Conduction Mode (CCM). The
inductance LBCM is determined by the following equations.
For Buck application :

 


OUT
IN
OUT
BCM
OUT
IN
VV
V
L
2I
f
V
For Boost application :
For Buck-Boost application :
where
VOUT = output voltage.
VIN = input voltage.
f = operating frequency.
IOUT = LED current.
Choose an inductance based on the operating frequency,
input voltage and output voltage to provide a current mode
ramp signal during the MOSFET on period for PWM control
loop regulation. The inductance also determines the
inductor ripple current. Operating the converter in CCM is
recommended, which will have the smaller inductor ripple
current and hence the less conduction losses from all
converter components.
As a design example, to design the peak to peak inductor
ripple to be
±30% of the output current, the following
equations can be used to estimate the size of the needed
inductance :

 


OUT
IN
OUT
OUT
IN
VV
V
L =
20.3 I
f
V
For Buck application :
For Boost application :
For Buck-Boost application :
The inductor must also be selected with a saturation
current rating greater than the maximum inductor current
during normal operation. The maximum inductor current
can be calculated by the following equations.
For Buck application :

 


OUT
IN
OUT
PEAK
OUT
IN
VV
V
I= I
+
2L f
V
For Boost application :


 
 

OUT
OUT
IN
OUT
IN
PEAK
IN
OUT
VI
V
V
V
I=
+
V2 L f
V
For Buck-Boost application :


 
 

IN
OUT
OUT
IN
OUT
PEAK
IN
IN
OUT
VV
I
VV
I=
+
V2 L f
V
V
where
η is the efficiency of the power converter.
Power MOSFET Selection
For applications operating at high input or output voltages,
the power N-MOS FET switch is typically chosen for drain
voltage VDS rating and low gate charge. Consideration of
switch on-resistance, RDS(ON), is usually secondary
because switching losses dominate power loss. The
GBIAS regulator on the RT8494 has a fixed current limit
to protect the IC from excessive power dissipation at high
VIN, so the N-MOSFET should be chosen so that the
product of Qg at 5V and switching frequency does not
exceed the GBIAS current limit.
ISW Sense Resistor Selection
The resistor, RSW, between the Source of the external N-
MOSFET and GNDshould be selected to provide adequate
2
IN
OUT
IN
2
OUT
OUT
VV
V
L =
20.3 I
f
V

 




2
IN
OUT
2
OUT
IN
OUT
VV
L =
20.3 I
f
VV

2
IN
OUT
IN
BCM
2
OUT
OUT
VV
V
L
2I
f
V

 




2
IN
OUT
BCM
2
OUT
IN
OUT
VV
L
2I
f
VV





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com