Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8494GS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8494GS Datasheet HTML 1Page - Richtek Technology Corporation RT8494GS Datasheet HTML 2Page - Richtek Technology Corporation RT8494GS Datasheet HTML 3Page - Richtek Technology Corporation RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RT8494
3
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
RSET
Switch Frequency Setting. Connect a resistor from RSET to GND. RRSET = 30k will
set fSW = 370kHz.
2
ISW
External MOSFET Switch Current Sense. Connect the current sense resistor
between external N-MOSFET switch and the ground.
3
ISP
LED Current Sense Amplifier Positive Input with Common Mode up to 90V.
4
ISN
LED Current Sense Amplifier Negative Input. Voltage threshold between ISP and
ISN is 190mV with common mode voltage up to 90V.
5
VC
PWM Control Loop Compensation.
6
ACTL
Analog Dimming Control. The effective programming voltage range of the pin is
between 0.2V and 1.2V.
7
DCTL
By adding a 0.47
F filtering capacitor on ACTL pin, the PWM dimming signal on
DCTL pin can be averaged and converted into analog dimming signal on the ACTL
pin.
8
SS
Soft-Start Time Setting. A capacitor of at least 10nF is required for proper soft-start.
9
EN
Enable Control Input (Active High). When this pin voltage is low, the chip is in
shutdown mode.
10
OVP
Over-Voltage Protection. The PWM converter turns off when the voltage of the pin
goes to higher than 1.18V.
11
VCC
Power Supply of the Chip. For good bypass, a low ESR capacitor is required.
12
GND
Ground. The Exposed Pad must be Soldered to a Large PCB and Connected to
GND for Maximum Power Dissipation.
13
GBIAS
Internal Gate Driver Bias. A good bypass capacitor is required.
14
GATE
External MOSFET Switch Gate Driver Output.
Figure 3. Analog Dimming in Buck-Boost Configuration
RT8494
L1
ISN
ISP
VCC
EN
5V
VIN1
22µH
COUT
1µF
11
9
SS
VC
RVC
0.1µF
3.3nF
10k
5
8
GND
OVP
VOUT
R1
R2
GATE
ISW
DCTL
Analog
Dimming
7
ACTL
6
RSET
14
2
10
1
3
4
12
GBIAS
13
RSW
VOUT
CVC
CSS
1µF
CB
D1
LEDs
M1
0.05
4.5V to 36V
RRSET
RSENSE
0.47
10µF
CIN1
VIN2
90V (max)
CIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com