Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8494GS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8494GS Datasheet HTML 1Page - Richtek Technology Corporation RT8494GS Datasheet HTML 2Page - Richtek Technology Corporation RT8494GS Datasheet HTML 3Page - Richtek Technology Corporation RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT8494
2
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 1. Analog Dimming in Boost Configuration
Figure 2. Analog Dimming in Buck Configuration
RT8494
L1
ISP
ISN
VCC
EN
5V
VIN
RSENSE
22µH
COUT
1µF
11
9
10µF
SS
VC
RVC
0.1µF
3.3nF
10k
5
8
GND
OVP
VOUT
R1
R2
0.47
GATE
ISW
DCTL
Analog
Dimming
7
ACTL
6
RSET
14
2
10
1
4
3
12
GBIAS
13
RSW
VOUT
CIN
CVC
CSS
1µF
CB
D1
LEDs
M1
0.05
90V (Max.)
4.5V to 36V
RRSET
30k
RT8494
ISW
GATE
VCC
EN
5V
11
9
SS
VC
5
8
GND
OVP
ISP
ISN
DCTL
Analog
Dimming
7
ACTL
6
RSET
3
4
10
1
14
2
12
GBIAS
13
L1
VIN1
RSENSE
22µH
COUT
1µF
10µF
RVC
0.1µF
3.3nF
10k
LEDs
RSW
CIN1
CVC
CSS
1µF
CB
D1
M1
0.05
RRSET
90V (Max.)
4.5V to 36V
CIN2
VIN2
0.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com