Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

94SC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 94SC
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SC Datasheet(HTML) 1 Page - Vishay Siliconix

  94SC Datasheet HTML 1Page - Vishay Siliconix 94SC Datasheet HTML 2Page - Vishay Siliconix 94SC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 90004
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 13-Sep-04
311
94SC
Vishay OS-CON
Solid Aluminum Capacitors
With Organic Semiconductor Electrolyte
FEATURES
• Designed for general use.
• Superior high frequency characteristics.
• 94SC capacitors are suitable for use in noise limiters and
switching power supplies.
PART MARKING Sleeve color: Blue. Marking: White
• Polarity -
• Rated voltage
• Capacitance
• Vishay OS-CON
• Lot number
• Maximum operating temperature (+ 105 ˚C)
Fig.1 Component outline.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating Temperature Range
- 55 ˚C to + 105 ˚C
Capacitance Tolerance at 120 Hz
X0 = ± 20 %
Tangent of Loss Angle (tan δ) at 120 Hz
≤ Values in Standard Ratings Table
Leakage Current (µA/2 minutes)(or less)*
6.3 to 25 WV: 0.01 CV or 0.5
30WV: 0.0.2 CV or 0.1 (Whichever is greater)
Equivalent Series Resistance (Ω), (100 k to 300 kHz)
≤ Values in Standard Ratings Table
Temperature Characteristics
Impedance Ratio at 100 kHz
- 55 ˚C
Z/Z20 ˚C
1.0 to 1.25
+ 105 ˚C
Z/Z20 ˚C
0.75 to 1.0
High Temperature Load (+ 105 ˚C, 2000 hours)
Rated Voltage Applied
(25 WV - 20 V applied)**
∆C/C
Within ± 20 % of the initial value
tan δ≤ 1.5 x the value of Tangent of Loss Angle
Leakage Current
≤ The Value of Leakage Current
Moisture Resistance
(+ 60 ˚C, 90 to 95 % RH, 1000 hours, no voltage)
∆C/C
Within ± 10 % of the initial value
tan δ≤ 1.5 x the value of Tangent of Loss Angle
Leakage Current
≤ The Value of Leakage Current
Reverse Voltage Guarantee
Temporary: ≤ 20 % of the rated voltage
Continuous: ≤ 10 % of the rated voltage
* If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at + 105 ˚C. The rated voltage should be
applied for 6.3 to 16.3 WV, while temperature reduction voltage should be applied for 25 WV.
** To use a Vishay OS-CON capacitor when the operating temperature exceeds + 85 ˚C on a component with a rated voltage of 25 V, reduce
the voltage by 0.25 V for every degree (1 ˚C) relative to the value at + 85 ˚C (25 V).
TEMPERATURE COEFFICIENT RIPPLE CURRENT
Ambient Temperature
Coefficient
~ + 45 ˚C
1.0
+ 85 ˚C
0.7
+ 95 ˚C
0.4
+ 105 ˚C
0.25
DIMENSIONS
in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
∅ D x L
F
∅ d
G (Max.)
K (Max.)
A
0.157 x 0.268 [4.0 x 6.8]
0.079 [2.0]
0.018 [0.45]
0.020 [0.5]
0.020 [0.5]
B
0.197 x 0.268 [5.0 x 6.8]
0.079 [2.0]
0.018 [0.45]
0.020 [0.5]
0.020 [0.5]
C
0.248 x 0.268 [6.3 x 6.8]
0.098 [2.5]
0.018 [0.45]
0.020 [0.5]
0.020 [0.5]
D
0.248 x 0.386 [6.3 x 9.8]
0.098 [2.5]
0.236 [0.60]
0.020 [0.5]
0.020 [0.5]
E
0.315 x 0.413 [8.0 x 10.5]
0.138 [3.5]
0.236 [0.60]
0.031 [0.8]
0.031 [0.8]
F
0.394 x 0.413 [10.0 x 10.5]
0.20 [5.0]
0.236 [0.60]
0.031 [0.8]
0.031 [0.8]


Similar Part No. - 94SC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94SA107X0010EBP VISHAY-94SA107X0010EBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
94SA107X0016EBP VISHAY-94SA107X0016EBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
94SA107X0020FBP VISHAY-94SA107X0020FBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
94SA108X0016HBP VISHAY-94SA108X0016HBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
logo
Texas Instruments
94SA108X0016HBP TI-94SA108X0016HBP Datasheet
994Kb / 24P
60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - 94SC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
94SP VISHAY-94SP Datasheet
52Kb / 3P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
02-Jul-01
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
29-Jun-01
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
15-Jan-07
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com