Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

94SC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 94SC
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SC Datasheet(HTML) 3 Page - Vishay Siliconix

  94SC Datasheet HTML 1Page - Vishay Siliconix 94SC Datasheet HTML 2Page - Vishay Siliconix 94SC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 90004
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 13-Sep-04
313
94SC
Solid Aluminum Capacitors
With Organic Semiconductor Electrolyte
Vishay OS-CON
C
94SC335X0030CBP
30.0
3.3
820
1.98
0.03
200
94SC475X0025CBP
25.0
4.7
1130
1.18
0.03
100
94SC685X0025CBP
25.0
6.8
1140
1.70
0.03
100
94SC106X0025CBP
25.0
10.0
1150
2.50
0.03
90
94SC156X0016CBP
16.0
15.0
1230
2.40
0.04
90
94SC226X0010CBP
10.0
22.0
1270
2.20
0.05
70
94SC336X06R3CBP
6.3
33.0
1320
2.08
0.05
70
D
94SC475X0030DBP
30.0
4.7
1300
2.82
0.04
120
94SC685X0030DBP
30.0
6.8
1340
4.08
0.04
120
94SC156X0025DBP
25.0
15.0
1650
3.75
0.04
70
94SC226X0016DBP
16.0
22.0
1800
3.52
0.05
70
94SC336X0016DBP
16.0
33.0
1900
5.28
0.06
70
94SC476X0010DBP
10.0
47.0
2020
4.70
0.06
60
E
94SC106X0030EBP
30.0
10.0
1380
6.00
0.06
110
94SC226X0025EBP
25.0
22.0
2330
5.50
0.06
40
F
94SC336X0025FBP
25.0
33.0
2900
8.25
0.06
35
94SC476X0025FBP
25.0
47.0
2980
11.75
0.06
35
94SC226X0030FBP
30.0
22.0
1830
13.20
0.06
80
*Part Numbers shown are for ± 20 % capacitance tolerance (X0).
94SC106X0016... Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.
STANDARD RATINGS
CASE
CODE
PART
NUMBER*
RATED
VOLTAGE
(V)
NOMINAL
CAPACITANCE
(µF)
MAX. ALLOWABLE
RIPPLE CURRENT
(mAmps)
at 100 kHz, + 45 ˚C
MAX. LEAKAGE
CURRENT (µA)
(After 2
Minutes)
MAX.
TANGENT
OF LOSS
ANGLE
MAX. ESR
100 k to 300
kHz (mΩ)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com