Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

94SC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 94SC
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SC Datasheet(HTML) 2 Page - Vishay Siliconix

  94SC Datasheet HTML 1Page - Vishay Siliconix 94SC Datasheet HTML 2Page - Vishay Siliconix 94SC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 90004
312
Revision: 13-Sep-04
94SC
Vishay OS-CON
Solid Aluminum Capacitors
With Organic Semiconductor Electrolyte
DIMENSIONS
in inches [millimeters]
0
CASE CODE LIST
CAPACITANCE
(µF)
WV***
6.3
10
16
25
30
(SV)****
(7.3)
(11.5)
(18.4)
(25)
(34.5)
1.0
-
-
-
-
A
1.5
-
-
-
A
B
2.2
-
-A-B
3.3
-
-
A
B
C
4.7
-
A
B
C
D
6.8
A-B
C
D
10.0
-
B
-
C
E
15.0
B
-
C
D
-
22.0
-
C
D
E
F
33.0
C
-
D
F
-
47.0
-
D
-
F
-
***WV = Rated Voltage. ****(SV) = Surge Voltage (at room temperature).
STANDARD RATINGS
CASE
CODE
PART
NUMBER*
RATED
VOLTAGE
(V)
NOMINAL
CAPACITANCE
(µF)
MAX. ALLOWABLE
RIPPLE CURRENT
(mAmps)
at 100 kHz, + 45 ˚C
MAX. LEAKAGE
CURRENT (µA)
(After 2
Minutes)
MAX.
TANGENT
OF LOSS
ANGLE
MAX. ESR
100 k to 300
kHz (mΩ)
A
94SC105X0030ABP
30.0
1.0
430
1.00
0.03
350
94SC155X0025ABP
25.0
1.5
435
0.50
0.03
300
94SC225X0016ABP
16.0
2.2
450
0.50
0.04
280
94SC335X0016ABP
16.0
3.3
500
0.53
0.04
280
94SC475X0010ABP
10.0
4.7
540
0.50
0.05
280
94SC685X06R3ABP
6.3
6.8
560
0.50
0.05
250
B
94SC155X0030BBP
30.0
1.5
435
1.00
0.03
300
94SC225X0030BBP
30.0
2.2
695
1.32
0.03
250
94SC335X0025BBP
25.0
3.3
700
0.83
0.03
200
94SC475X0016BBP
16.0
4.7
720
0.75
0.04
180
94SC685X0016BBP
16.0
6.8
745
1.09
0.04
150
94SC106X0010BBP
10.0
10.0
780
1.00
0.05
150
94SC156X06R3BBP
6.3
15.0
815
0.95
0.05
120
*Part Numbers shown are for ± 20 % capacitance tolerance (X0).
94SC106X0016...Part Number is complete with Case Code and 2 character Package or Process Code. BP as shown indicates Bulk Pack.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com