Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G08 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74ST1G08
Description  SOTiny Gate ST 2-Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G08 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74ST1G08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8517E
07/07/04
PI74ST1G08
SOTiny™ Gate ST 2-Input
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
Symbol
Parameter
VCC(V)
Conditions
TA = +25ºC
TA = -40º C to
+85ºC
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level
Input Voltage
1.8
2.3-3.6
0.75VCC
0.70VCC
0.75VCC
0.70VCC
V
VIL
LOW Level Input
Voltage
1.8
2.3-3.6
0.25VCC
0.30VCC
0.25VCC
0.30VCC
VOH
HIGH Level
Output Voltage
1.8
2.3
3.0
VIN = VIH IOH = -100µA
1.7
2.2
2.9
1.79
2.29
2.99
1.7
2.2
2.9
2.3
3.0
3.0
IOH = -8mA
IOH = -16mA
IOH = -24mA
1.9
2.4
2.3
2.13
2.71
2.55
1.9
2.4
2.3
VOL
LOW Level Out-
put Voltage
1.8
2.3
3.0
VIN = VIL IOL = 100µA
0.01
0.01
0.00
0.1
0.1
0.1
0.1
0.1
0.1
2.3
3.0
3.0
IOH = 8mA
IOH = 16mA
IOH = 24mA
0.10
0.18
0.28
0.3
0.4
0.55
0.3
0.4
0.55
IIN
Input Leakage
Current
0-3.6
VIN = 5.5V, GND
-1
1
-1
1
µA
IOFF
Power Off Leak-
age Current
0.0
VIN or VOUT = 5.5V
-1
1
-1
1
ICC
Quienscent Sup-
ply Current
1.8-3.6
VIN = 5.5V, GND
2.0
20
Supply Voltage (VCC) ........................................................ –0.5V to +4V
DC Input Voltage (VIN)...................................................... –0.5V to +6V
DC Output Voltage (VOUT)................................................ –0.5V to +6V
DC Input Diode Current (IIK)........................................–50mA to 20mA
DC Output Diode Current (IOK)....................................–50mA to 20mA
DC Output Current (IOUT) .......................................................... ±50mA
DC VCC/GND Current (ICC/IGND).............................................. ±50mA
Storage Temperature (TSTG) ........................................ –65°C to +150°C
Junction Lead Temperature (IOS) .................................................. 200°C
Power Dissipation SOT23.......................................................... 200mW
SC70.......................................................... 150mW
Absolute Maximum Ratings
Note:
Absolute maximum ratings are DC values beyond which the
device may be damaged or have its useful life impaired. The
datasheet specifications should be met, without exception, to
ensure that the system design is reliable over its power supply,
temperature,andoutput/inputloadingvariables.Pericomdoes
not recommend operation outside datasheet specifications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com