Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G08 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ST1G08
Description  SOTiny Gate ST 2-Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G08 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ST1G08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8517E
07/07/04
GND
VCC
YOUT
AIN
BIN
1
2
4
5
3
SOTiny™Gate ST 2-Input
Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC = 1.8V –3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Packaging:
- 5-pin SOT23 (T)
- 5-pin SC70 (C)
Description
The PI74ST1G08 is a 2-Input AND Gate that operates over the
1.8V to 3.6V VCC operating range.
Pericom’s PI74ST series of products are produced using the
Company’s advanced submicron technology.
PI74ST1G08
Block Diagram
Pin Configuration
Function Table
Inputs
Outputs
AIN
BIN
YOUT
L
L
H
H
L
H
L
H
L
L
L
H
Notes:
1. H = HIGH Logic Level
L = LOW Logic Level
Pin Description
Pin Name
Description
AIN
Input
BIN
Input
YOUT
Output
5-Pin
T,C
Recommended Operating Conditions(1)
Parameter
Condition
Min. Max. Units
Supply Voltage (VCC)
1.8
3.6
V
Input Voltage (VIN)
0
5.5
Output Voltage (VOUT)
0
VCC
Operating Temperature
-40
85
ºC
Input Rise and Fall
Time (tr, tf)
VCC = 1.8V,
2.5V ±0.2V
0
20
ns/V
VCC = 3.3V
±0.3V
0
10
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
AIN
BIN
YOUT


Similar Part No. - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
365Kb / 5P
The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
PI74ST1G08CEX PERICOM-PI74ST1G08CEX Datasheet
365Kb / 5P
The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
More results

Similar Description - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G86 PERICOM-PI74ST1G86 Datasheet
154Kb / 4P
SOTiny Gate ST 2-Input Exclusive OR
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
SOTiny Gate STX 2-Input
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
SOTiny Gate STX Dual 2-Input AND
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
SOTiny Gate STX 2-Input AND
PI74ST1G32 PERICOM-PI74ST1G32 Datasheet
266Kb / 4P
SOTiny-TM Logic 2-Input OR Gate
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
SOTiny Gate STX Inverter
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
SOTiny??Gate STX 2-Input NOR
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
SOTiny Gate STX 2-Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com