Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G86 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ST1G86 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ST1G86
Download  PI74ST1G86 Download
File Size   154.3 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Gate ST 2-Input Exclusive OR

PI74ST1G86 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ST1G86 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ST1G86
Download  PI74ST1G86 Click to download

File Size   154.3 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Gate ST 2-Input Exclusive OR

PI74ST1G86 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ST1G86 Product details

Description
The PI74ST1G86 is a 2-input exclusive OR gate that operates over the 1.8V to 3.6V VCC operating range.
Pericom’s PI74ST series of products are produced using the Company’s advanced submicron technology.

Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC = 1.8V–3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Packaging:
    -5-pin SOT23 (T)
    - 5-pin SC70 (C)




Similar Part No. - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00CX PERICOM-PI74ST1G00CX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00TX PERICOM-PI74ST1G00TX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
PI74ST1G02CX PERICOM-PI74ST1G02CX Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
More results


Similar Description - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
317Kb / 5P
SOTiny Gate ST 2-Input
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com