Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G08 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ST1G08 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ST1G08
Download  PI74ST1G08 Download
File Size   317.51 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Gate ST 2-Input

PI74ST1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ST1G08 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ST1G08
Download  PI74ST1G08 Click to download

File Size   317.51 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Gate ST 2-Input

PI74ST1G08 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ST1G08 Product details

Description
The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.

Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC = 1.8V – 3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Packaging (Pb-free & Green available):
   – 5-pin SOT23 (T)
   – 5-pin SC70 (C)




Similar Part No. - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
365Kb / 5P
The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
PI74ST1G08CEX PERICOM-PI74ST1G08CEX Datasheet
365Kb / 5P
The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
More results


Similar Description - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G86 PERICOM-PI74ST1G86 Datasheet
154Kb / 4P
SOTiny Gate ST 2-Input Exclusive OR
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
SOTiny Gate STX 2-Input
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
SOTiny Gate STX Dual 2-Input AND
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
SOTiny Gate STX 2-Input AND
PI74ST1G32 PERICOM-PI74ST1G32 Datasheet
266Kb / 4P
SOTiny-TM Logic 2-Input OR Gate
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
SOTiny Gate STX Inverter
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
SOTiny??Gate STX 2-Input NOR
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
SOTiny Gate STX 2-Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com