Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G86 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ST1G86
Description  SOTiny Gate ST 2-Input Exclusive OR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G86 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ST1G86 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8520D
07/07/04
BIN
GND
VCC
YOUT
AIN 1
2
4
5
3
AIN
BIN
YOUT
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SOTiny™ Gate ST
2-Input Exclusive OR
Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC = 1.8V–3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Packaging:
-5-pinSOT23(T)
- 5-pin SC70 (C)
Description
The PI74ST1G86 is a 2-input exclusive OR gate that operates over
the 1.8V to 3.6V VCC operating range.
Pericom’s PI74ST series of products are produced using the
Company’s advanced submicron technology.
PI74ST1G86
Block Diagram
PinConfiguration
s
t
u
p
n
It
u
p
t
u
O
A N
I
B N
I
Y T
U
O
L
L
H
H
L
H
L
H
L
H
H
L
FunctionTable
Notes:
H = HIGH Voltage Level
L = LOW Voltage Level
PinDescription
s
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
A N
I
t
u
p
n
I
B N
I
t
u
p
n
I
D
N
Gt
u
p
t
u
O
5-Pin
T,C
RecommendedOperatingConditions(1)
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )8
.
16
.
3
V
V
(
e
g
a
tl
o
V
t
u
p
n
I
N
I )0
5
.
5
V
(
e
g
a
tl
o
V
t
u
p
t
u
O
T
U
O
)0
V C
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
–5
8C
°
d
n
a
e
s
i
R
t
u
p
n
I
t
(
e
m
i
T
ll
a
F
r t
, f)
V C
C
,
V
8
.
1
=
V
2
.
0
±
V
5
.
2
00
2
V
/
s
n
V C
C
V
3
.
3
=
V
3
.
0
±
00
1


Similar Part No. - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00CX PERICOM-PI74ST1G00CX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00TX PERICOM-PI74ST1G00TX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
PI74ST1G02CX PERICOM-PI74ST1G02CX Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
More results

Similar Description - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
317Kb / 5P
SOTiny Gate ST 2-Input
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com