Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74STX2G14X Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74STX2G14X
Description  SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX2G14X Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74STX2G14X Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
PS8644A
03/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX2G14
SOTiny™ Gate STX Dual
Schmitt-TriggerInverter
AC Loading and Waveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
Figure 3. AC Waveforms
CL includes load and stray capacitance
Input PRR = 1.0 MHz; tW = 500ns
Input
RL
CL
VCC
Output
Input = AC Waveform; tr = tf = 1.8ns;
PRR = Variable; Duty Cycle = 50%
Input
VCC
A
VOH
GND
Input
Output
tW
tPHL
tr = 3ns
tf = 3ns
tPLH
VOL
50%
50%
50%
50%
90%
90%
10%
10%
VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com