Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74STX2G14X Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74STX2G14X
Description  SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX2G14X Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74STX2G14X Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8644A
03/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX2G14
SOTiny™ Gate STX Dual
Schmitt-TriggerInverter
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
0
4
–
=
s
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
V L
O
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
t
u
O
5
6
.
1
8
.
1
3
.
2
0
.
3
5
.
4
V N
I
V
=
H
I
I L
O
A
µ
0
0
1
=
0
.
0
0
.
0
0
.
0
0
.
0
0
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
V
5
6
.
1
3
.
2
0
.
3
0
.
3
5
.
4
I L
O
A
m
4
=
I L
O
A
m
8
=
I L
O
A
m
6
1
=
I L
O
A
m
4
2
=
I L
O
A
m
2
3
=
6
0
.
0
0
1
.
0
7
1
.
0
6
2
.
0
9
2
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
I N
I
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
r
r
u
C
5
.
5
o
t
0V N
I
D
N
G
,
V
5
.
5
=1
.
0
±0
.
1
±
A
µ
I F
F
O
f
f
O
r
e
w
o
P
t
n
e
r
r
u
C
e
g
a
k
a
e
L
0
.
0V N
I
V
r
o
T
U
O
V
5
.
5
=1
±0
1
±
I C
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
5
.
5
-
5
6
.
1V N
I
D
N
G
,
V
5
.
5
=0
.
20
2
DC Electrical Characteristics
(Over supply voltage and operating temperature ranges, unless otherwise specified) (continued)
AC Electrical Characteristics
Notes:
3. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption
(ICCD) at no output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by
the expression: ICCD = (CPD)(VCC)(fIN) + (ICC static).
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
C
°
0
4
–
=
s
t
i
n
U
.
g
i
F
.
o
N
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
t H
L
P
,
t L
H
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
5
6
.
1
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
5
1
=
RL
M
1
=
Ω
5
.
2
5
.
2
8
.
1
5
.
1
0
.
1
1
.
3
1
9
.
0
1
4
.
7
0
.
5
1
.
4
5
.
2
5
.
2
8
.
1
5
.
1
0
.
1
5
.
4
1
0
.
2
1
0
.
8
5
.
5
5
.
4
s
n
1
3
t H
L
P
,
t L
H
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
3
.
0
±
3
.
3
5
.
0
±
0
.
5
CL
,
F
p
0
5
=
RL
0
0
5
=
Ω
8
.
1
2
.
1
0
.
6
9
.
4
8
.
1
2
.
1
6
.
6
4
.
5
1
3
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I0
1
.
2
F
p
C D
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
)
3
(
3
.
3
0
.
5
9
.
4
1
2
.
8
1
2
8.1
2.5
15.0
19.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com