Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74STX2G14X Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74STX2G14X
Description  SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX2G14X Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74STX2G14X Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX2G14X Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8644A
03/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX2G14
SOTiny™ Gate STX Dual
Schmitt-TriggerInverter
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
Supply Voltage (VCC) ......................................... –0.5Vto+7V
DC Input Voltage (VIN(1)) .................................... –0.5Vto+7V
Voltage Range Applied to Any Output in the Power-Off State,
VOUT(1) ............................................................... –0.5Vto+7V
Voltage Range Applied to Any Output in the High or Low State,
VOUT(1) ...................................................... –0.5VtoVCC+0.5V
DC Input Diode Current (IIK) ....................... –50mAto20mA
Absolute Maximum Ratings
Note:
Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet
specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and
output/input loading variables. Pericom does not recommend operation outside datasheet specifications.
1. The input negative voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC Output Diode Current (IOK) .................... –50mAto20mA
DC Output Current (IOUT) ........................................... ±50mA
DCVCC/GNDCurrent (ICC/IGND) ...............................±100mA
Storage Temperature (TSTG) ..........................–65°Cto+150°C
Junction Lead Temperature (IOS) ................................... 260°C
Power Dissipation SC70 ............................................... 150mW
Symbol
Parameter
VCC (V)
Conditions
TA = +°25C
TA = -40C to +8°5C
Units
Min.
Typ.
Max.
Min.
Max.
VP
Positive
Threshold
Voltage
1.65
1.8
2.3
3.0
4.5
5.5
0.6
0.7
1.0
1.3
1.9
2.2
1.05
1.11
1.32
1.61
2.26
2.49
1.4
1.5
1.8
2.2
3.1
3.6
0.6
0.7
1.0
1.3
1.9
2.2
1.4
1.5
1.8
2.2
3.1
3.6
V
VN
Negative
Threshold
Voltage
1.65
1.8
2.3
3.0
4.5
5.5
0.2
0.25
0.40
0.6
1.0
1.2
0.65
0.70
0.86
1.05
1.42
1.54
0.8
0.9
1.15
1.5
2.0
2.3
0.2
0.25
0.40
0.6
1.0
1.2
0.8
0.9
1.15
1.5
2.0
2.3
VH
Hysteresis
Voltage
1.65
1.8
2.3
3.0
4.5
5.5
0.1
0.15
0.25
0.4
0.6
0.7
0.40
0.41
0.46
0.56
0.85
0.96
0.9
1.0
1.1
1.2
1.5
1.7
0.1
0.15
0.25
0.4
0.6
0.7
0.9
1.0
1.1
1.2
1.5
1.7
VOH
HIGH Level
Output Voltage
1.65
1.8
2.3
3.0
4.5
VIN = VIL
IOH = –100µA
1.55
1.7
2.2
2.9
4.4
1.65
1.8
2.3
3.0
4.5
1.55
1.7
2.2
2.9
4.4
1.65
2.3
3.0
3.0
4.5
IOH = –4mA
IOH = –8mA
IOH = –16mA
IOH = –24mA
IOH = –32mA
1.29
1.9
2.4
2.3
3.8
1.48
2.09
2.67
2.48
4.00
1.29
1.9
2.4
2.3
3.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com