Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4730WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4730WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT4730
4
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power On/Off Sequence 2
AVDDEN = On
SWIRE = On AVDDEN = Off SWIRE=Off
Power On/Off Sequence 3
SWIRE= On
AVDDEN = On SWIRE = Off AVDDEN = Off
SWIRE
VIN
OVDD
VON
3.3V
-3.4V
0
0
0
0
0
TSSAVDD < 2ms
Toff_dly >
300
s
VOUT
0
3.5V
OVSS
-3.3V
0
TSSOVSS< 6ms
AVDDEN
0
AVDD
TSSOVDD < 2ms
3.3V
FD
FD
FD
FD
FD
FD*
FD*
SWIRE
VIN
OVDD
VON
3.3V
-3.4V
0
0
0
0
0
TSSOVDD <2ms
Toff_dly >
300
s
VOUT
0
3.5V
OVSS
-3.3V
0
TSSOVSS < 6ms
AVDDEN
0
AVDD
Toff_dly >
300
s
TSSAVDD< 2ms
3.3V
Hi-Z
Hi-Z
Hi-Z
FD
FD
FD
FD
FD
FD*
FD*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com