Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4730WSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4730WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT4730
2
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Recommend Component BOM List
Reference
Quantity
Description
Part Number
Package
Supplier
L1
1
1
H
HMMQ25201T-1R0MSR-53
2.5mm x 2.0mm x 1.0mm
Cyntec
GLUHK1R001A
2.0mm x 1.6mm x 1.0mm
ALPS
C1、C4、C6
3
4.7
F/16V/X5R
GRM188R61C475KAAJD
0603
Murata
C3、C5
2
10
F/16V/X5R
GRM188R61C106KAALD
0603
Murata
C2
1
1
F/6.3V/X5R
GRM033R60J105MEA2
0201
Murata
C8
1
10
F/6.3V/X5R
GRM155R60J106ME15
0402
Murata
C7、C9
2
22
F/6.3V/X5R
GRM155R60J226ME11D
0402
Murata
VOUT
LX1
AGND
PVIN
Vin
SWIRE
L1= 1 uH
AVDDEN
RT4730
PGND
LX2
AVIN
C1=4.7uF
AVDD
OVDD
C1P
C1N
VON
OVSS
CPGND
C2=1uF
C3=10uF
C4=4.7 uF
C5=10uF
C6=4.7 uF
C8=10uF
C9=22uF
C7=22uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com