Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4730WSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4730WSC
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730WSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4730WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4730WSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RT4730
7
DS4730-01
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Gate
Drive
VOUT
AGND
Control
Logic
VREF
Digital
Control
LX1
AVIN
OVP
OTP
UVLO
OCP
AVDDEN
SCP
R1
R2
OSC
AVDD
AVDD
LX2
AMP
-
+
PVIN
PGND
OVDD
OVDD
X1
Negative
Charge
Pump
C1P
C1N
VON
OVSS
OVSS
CPGND
SWIRE
Operation
The RT4730 is a highly integrated power solution with
Buck-Boost, and inverting charge pump to generate
positive and negative output voltage. The output voltages
can be adjusted with by SWIRE interface protocols. The
OVDD voltage range is from 2.8V to 4V with 100mV per
step. The OVSS voltage is from
−0.6V to −4V with 100mV
per step. The AVDD positive output voltage is set at a
typical value of 3.3V. With its input voltage range of 2.9V
to 4.8V, the RT4730 is optimized for products powered
by single-cell batteries and symmetrical output current
up to 50mA. The RT4730 provides Over-Temperature
Protection (OTP) and Short Circuit Protection (SCP)
mechanisms to prevent the device from damage with
abnormal operations. When the SWIRE and AVDDEN
voltage are logic low, the IC will be shut down with low
input supply current less than 2
μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com