Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD568 Datasheet(PDF) 1 Page - Analog Devices

Part # AD568
Description  Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 1 Page - Analog Devices

  AD568 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital-to-Analog Converters Selection Table
Generic
Part #
Resolution
(Bits)
Settling
Time
(ns typ)
# DACs
Per Pkg
Output (I
or V)
Data
Interface
FS Out Range
REF
(Int/Ext)
Power Supply (V
nom)
Power
Dissipation
(mW max)
12-Bit, 10 ns to 100 ns, Sorted by Resolution, Settling Time and Number of DACs/Package
AD9742
12
11
1
I
Par
Diff (0 to 2 mA), Diff
(0 to 20 mA)
Int/Ext
Range-Single (+2.7 to
+3.6), Single (+3),
Single (+3.3)
135
AD9753
12
11
1
I
Par
Diff (0 to 2 mA), Diff
(0 to 20 mA)
Int/Ext
Single (+3)
330
AD9773
12
11
2
I
Par
Diff (0 to 2 mA), Diff
(0 to 20 mA)
Int/Ext
Single (3.1 to 3.5)
1600
AD9762
12
35
1
I
Par
Diff (0 to 2 mA), Diff
(0 to 20 mA)
Int/Ext
Range-Single (+2.7 to
+5.5), Single (+3),
Single (+3.3), Single
(+5)
160
AD9752
12
35
1
I
Par
Diff-Uni (20 mA)
Int/Ext
Single (+5)
220
AD568
12
35
1
I or V
Unbuff'd Par
Uni 10.24 mA, Bip
5.12 mA, Uni 1.024
V, Bip 0.512 V
Int
Dual (+15, -15)
625
AD9765
12
35
2
I
Par
Diff (0 to 2 mA), Diff
(0 to 20 mA)
Int/Ext
Range-Single (+3.0 to
+5.5), Single (+3),
Single (+3.3), Single
(+5)
410
Last Updated: 4/2004
Page 1 of 1
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table


Similar Part No. - AD568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD568 AD-AD568 Datasheet
575Kb / 15P
12-Bit Ultrahigh Speed Monolithic D/A Converter
27-Sep-2017
AD568 AD-AD568 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD5680 AD-AD5680 Datasheet
466Kb / 20P
5 V 18-Bit nanoDAC in a SOT-23
6/06-Revision 0
AD5680 AD-AD5680 Datasheet
451Kb / 20P
5V 18-Bit nanoDAC
7/2017-Rev. B to Rev. C
More results

Similar Description - AD568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Analog Devices
DAC_8B_10-100NS AD-DAC_8B_10-100NS Datasheet
68Kb / 1P
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
logo
Texas Instruments
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
10-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com