Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS396
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS396 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
5
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Electrical Characteristics — Single +5V Supply
(V+ = +5V ±10%, V– = 0V, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMin to TMax, unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
AV
,
M
O
C
V
,
O
N
V C
N
)
3
e
t
o
N
(–
V+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
I O
N
V
,
A
m
1
=
M
O
C
,
V
5
.
3
=
V
5
.
4
=
+
V
TA
C
°
5
2
+
=0
2
15
2
2
Ω
TA T
=
N
I
M
T
o
t
X
A
M
0
8
2
Ω
g
n
i
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
I O
N
V
,
A
m
1
=
M
O
C
,
V
5
.
3
=
V
5
.
4
=
+
V
TA
C
°
5
2
+
=2
0
1
Ω
TA T
=
N
I
M
T
o
t
X
A
M
2
1
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
OR
T
A
L
F
I O
N
V
,
A
m
1
=
M
O
C
,
V
2
,
V
3
=
V
5
=
+
V
;
V
1
TA
C
°
5
2
+
=5
6
1
Ω
TA T
=
N
I
M
T
o
t
X
A
M
0
2
O
Nt
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
)
8
(
I
)
F
F
O
(
O
N
V O
N
V
,
V
5
.
4
=
M
O
C
,
V
0
=
V
5
.
5
=
+
V
TA
C
°
5
2
+
=0
8
–0
8
A
n
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
-
f
f
O
M
O
C
t
n
e
r
r
u
C
)
8
(
I
)
F
F
O
(
M
O
C
V O
N
V
,
V
0
=
M
O
C
,
V
5
.
4
=
V
5
.
5
=
+
V
TA
C
°
5
2
+
=0
8
–0
8
A
n
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
-
n
O
M
O
C
t
n
e
r
r
u
C
)
8
(
I
)
N
O
(
M
O
C
V O
N
V
,
V
5
.
4
=
M
O
C
,
V
5
.
4
=
V
5
.
5
=
+
V
TA
C
°
5
2
+
=0
8
–0
8
A
n
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
t
u
p
n
I
c
i
g
o
L
l
a
t
i
g
i
D
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV H
A
V
,
H
N
E
4
.
2V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV L
A
V
,
L
N
E
8
.
0V
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
V
I ,
H
A
I H
N
E
VA V
=
N
E
V
4
.
2
=1
.
0
–1
0
0
.
01
.
0A
µ
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
V
I ,
L
A
I L
N
E
VA
V
,
V
0
=
N
E
V
8
.
0
=1
.
0
–1
0
0
.
01
.
0A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com