Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PS396
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PS396 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
3
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Signals on any terminal exceeding V+ or V– are clamped by internal diodes. Limit forward current to maximum current rating.
Absolute Maximum Ratings
Voltages Referenced to GND
V+ ............................................................................ –0.3Vto+17V
V– ............................................................................ +0.3Vto–17V
V+ to V– .................................................................. –0.3Vto+17V
Voltage into any terminal(1) ............................ (V– –2V) to (V+ +2V)
or 30mA, whichever occurs first
Current into any terminal ................................................... ±30mA
Peak current into any terminal ........................................... ±50mA
Note 1:
Continuous power Dissipation (TA = +70°C)
Wide SO (derate 12.50mW/°C above +70°C) .............. 1000mW
SSOP (derate 9.52mW/°C above +70°C) ........................762mW
Operating Temperature Ranges
PS39_C_I ............................................................... 0°C to +70°C
PS39_E_I ........................................................... –40°C to +85°C
Storage Temperature Range ............................... –65°Cto+150°C
Lead Temperature (soldering, 10s) .................................... +300°C
Electrical Characteristics — Dual Supplies
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMin to TMax, unless otherwise noted.)
CAUTION
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is
not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
R
.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
AV
,
M
O
C
V O
N
)
3
e
t
o
n
(–
V+
VV
l
e
n
n
a
h
C
e
c
n
a
t
s
i
s
e
R
-
N
O
R N
O
I O
N
,
A
m
1
=
V
M
O
C
V
5
.
3
±
=
TA
C
°
5
2
+
=0
60
0
1
m
h
O
TA T
=
N
I
M
T
o
t
X
A
M
5
2
1
g
n
i
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
N
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
I O
N
,
A
m
1
=
V
M
O
C
,
V
5
.
3
±
=
V
5
–
=
–
V
,
V
5
=
+
V
TA
C
°
5
2
+
=8
.
16
TA T
=
N
I
M
T
o
t
X
A
M
8
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
I O
N
,
A
m
1
=
V
M
O
C
,
V
0
.
3
±
=
V
5
–
=
–
V
,
V
5
=
+
V
TA
C
°
5
2
+
=5
0
1
TA T
=
N
I
M
T
o
t
X
A
M
3
1
O
Ne
g
a
k
a
e
L
-
f
f
O
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
O
N
V O
N
,
V
5
.
4
±
=
V
M
O
C
,
V
5
.
4
±
=
,
V
5
.
5
=
+
V
V
5
.
5
–
=
–
V
TA
C
°
5
2
+
=0
8
–3
0
.
0
–0
8
A
n
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
-
f
f
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
M
O
C
V
M
O
C
,
V
5
.
4
±
=
V O
N
,
V
5
.
4
±
=
,
V
5
.
5
=
+
V
V
5
.
5
–
=
–
V
TA
C
°
5
2
+
=0
8
–5
0
.
00
8
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–0
0
1
e
g
a
k
a
e
L
-
n
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
N
O
(
M
O
C
V
M
O
C
,
V
5
.
4
±
=
V O
N
V
5
.
4
=
TA
C
°
5
2
+
=0
8
–9
0
.
04
.
0
TA T
=
N
I
M
T
o
t
X
A
M
0
0
1
–5
Table conitinued over..



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com