Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS396
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PS396 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS396 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Electrical Characteristics — Single +5V Supply (continued)
(V+ = +5V ±10%, V– = 0V, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMin to TMax, unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
t
i
n
U
c
i
m
a
n
y
D
e
m
i
T
n
o
i
ti
s
n
a
r
T
)
3
(
t
S
N
A
R
T
V O
N
2
e
r
u
g
i
F
,
V
3
=
TA
C
°
5
2
+
=5
0
15
4
2
s
n
TA
T
=
N
I
M
o
t
T
X
A
M
0
5
3
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
a
l
e
D
e
m
i
T
t
N
E
P
O
)
3
e
t
o
N
(TA
C
°
5
2
+
=0
15
6s
n
e
m
i
T
-
n
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
N
O
TA
C
°
5
2
+
=5
2
10
0
2
s
n
TA
T
=
N
I
M
o
t
T
X
A
M
5
7
2
e
m
i
T
-
f
f
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
F
F
O
TA
C
°
5
2
+
=0
0
15
2
1
s
n
TA
T
=
N
I
M
o
t
T
X
A
M
0
0
2
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
V
E
T
C
CL
V
,
F
p
0
0
1
=
O
N
5
e
r
u
g
i
F
,
V
0
=TA
C
°
5
2
+
=5
.
15
C
p
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P+
V7
.
25
1V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
ti
s
o
P+
IV N
E
V
=
A
V
0
=
–
V
,
V
5
.
5
=
+
V
,
+
V
,
V
0
=0
.
1
–6
0
.
00
.
1A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
i
t
a
g
e
N–
IV N
E
V
=
A
V
0
=
–
V
,
V
5
.
5
=
+
V
,
+
V
,
V
0
=0
.
1
–8
0
.
00
.
1A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
d
n
u
o
r
GI
D
N
G
V N
E
V
,
+
V
;
V
0
,
+
V
=
A
V
0
=
–
V
,
V
5
.
5
=
TA
C
°
5
2
+
=0
.
1
–8
0
.
00
.
1
A
µ
TA
T
=
N
I
M
o
t
T
X
A
M
0
.
1
–0
.
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
AV
G
O
L
A
N
A
)
3
e
t
o
N
(–
V+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
I O
N
V
,
A
m
1
=
M
O
C
,
V
5
.
1
=
V
3
=
+
V
TA
C
°
5
2
+
=5
1
30
5
5
Ω
TA T
=
N
I
M
T
o
t
X
A
M
0
5
6
c
i
m
a
n
y
D
e
m
i
T
n
o
it
i
s
n
a
r
T
)
3
(
t
S
N
A
R
T
V N
I
V
,
V
4
.
2
=
1
O
N
,
V
5
.
1
=
V 8
O
N
2
e
r
u
g
i
F
,
V
0
=
TA
C
°
5
2
+
=0
3
25
7
5
s
n
TA T
=
N
I
M
T
o
t
X
A
M
0
5
7
e
m
i
T
-
n
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
N
O
V H
N
I
V
,
V
4
.
2
=
L
N
I
,
V
0
=
V 1
O
N
3
e
r
u
g
i
F
,
V
5
.
1
=
TA
C
°
5
2
+
=0
6
20
0
5s
n
e
m
i
T
-
f
f
O
-
n
r
u
T
e
l
b
a
n
E
)
3
(
t
)
N
E
(
F
F
O
V H
N
I
V
,
V
4
.
2
=
L
N
I
,
V
0
=
V 1
O
N
3
e
r
u
g
i
F
,
V
5
.
1
=
TA
C
°
5
2
+
=5
3
10
0
4s
n
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
V E
T
C
CL
V
,
F
p
0
0
1
=
N
E
G
,
V
0
=
R N
E
G
6
e
r
u
g
i
F
m
h
o
0
=
TA
C
°
5
2
+
=1
5
C
p
Electrical Characteristics — Single +3.3V Supply
(V+ = 3.0V to 3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMin to TMax, unless otherwise noted.)
Notes:
2. The algebraic covention, where most negative value is a minimum and most positive value a maximum, is used in this data sheet.
3. Guaranteed by design
4.
∆RON = ∆RON(MAX) – RON(MIN)
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal ranges. i.e., VNO = 3V to 0V and 0V to –3V.
6. Leakage parameters are guaranteed by desgin.
7. Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off-isolation - 20log VCOM/VNO,
VCOM = output, VNO = input to off switch.
8. Leakage testing at single supply is guaranteed by correlation testing with dual supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com