Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396WI Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PS396WI
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396WI Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PS396WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 9Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
10
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
-
n
i
P
I
W
C
6
9
3
S
PC
°
0
7
+
o
t
C
°
0)
S
(
C
I
O
S
e
d
i
W
n
i
p
-
8
2
I
A
C
6
9
3
S
PC
°
0
7
+
o
t
C
°
0)
H
(
P
O
S
S
n
i
p
-
8
2
I
W
E
6
9
3
S
PC
°
5
8
+
o
t
C
°
0
4
–)
S
(
C
I
O
S
e
d
i
W
n
i
p
-
8
2
OrderingInformation
28-Pin SOIC (S) Package Drawing
SEATING
PLANE
.050
BSC
1
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.40
7.60
.6969
.7125
17.70
18.10
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
28
.021
.031
0.533
0.787
REF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com