Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396WI Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS396WI
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396WI Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS396WI Datasheet HTML 1Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1+
Vt
u
p
n
I
e
g
a
tl
o
V
-
y
l
p
p
u
S
e
v
it
i
s
o
P
3
1
,
3
,
2.
C
.
Nn
o
it
c
e
n
n
o
C
l
a
n
r
e
t
n
I
o
N
B
M
O
C)l
a
n
o
it
c
e
ri
d
i
b
(
*
t
u
p
t
u
O
B
l
a
n
g
i
S
g
o
l
a
n
A
.
C
.
Nn
o
it
c
e
n
n
o
C
l
a
n
r
e
t
n
I
o
N
1
1
-
49
O
N
6
1
O
N)l
a
n
o
it
c
e
ri
d
i
b
(
*
s
t
u
p
n
I
l
a
n
g
i
S
g
o
l
a
n
A
B
1
O
N
-
B
8
O
N)l
a
n
o
it
c
e
ri
d
i
b
(
*
s
t
u
p
n
I
B
l
a
n
g
i
S
g
o
l
a
n
A
2
1D
N
Gd
n
u
o
r
G
c
i
g
o
L
7
1
-
4
10
A
-
3
As
t
u
p
n
I
s
s
e
r
d
d
A
c
i
g
o
L
0
A
,
1
A
,
2
As
t
u
p
n
I
s
s
e
r
d
d
A
c
i
g
o
L
8
1N
Et
u
p
n
I
e
l
b
a
n
e
c
i
g
o
L
6
2
-
9
18
O
N
-
1
O
N)l
a
n
o
it
c
e
ri
d
i
b
(
*
s
t
u
p
n
I
l
a
n
g
i
S
g
o
l
a
n
A
A
8
O
N
-
A
1
O
N)l
a
n
o
it
c
e
ri
d
i
b
(
*
s
t
u
p
n
I
A
l
a
n
g
i
S
g
o
l
a
n
A
7
2–
Vt
u
p
n
I
e
g
a
tl
o
V
-
y
l
p
p
u
S
e
v
it
a
g
e
N
8
2M
O
C)l
a
n
o
it
c
e
ri
d
i
b
(
*
t
u
p
t
u
O
l
a
n
g
i
S
g
o
l
a
n
A
A
M
O
C)l
a
n
o
it
c
e
ri
d
i
b
(
*
t
u
p
t
u
O
A
l
a
n
g
i
S
g
o
l
a
n
A
PinDescription



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com