Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396WI Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS396WI
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396WI Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS396WI Datasheet HTML 1Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396WI Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8443E
12/18/02
Features
• Low ON-Resistance (100 Ohms Max.) Minimizes Distortion
and Error Voltages
• Low Glitching Reduces Step Errors and Improves
Settling Times. Charge Injection: 5pC Max.
• Dual-Supply Operation (±2.7V to ±8V)
• Single-Supply Operation (+2.7V to +16V)
• ON-Resistance Matching Between Channels: <6 Ohms
• ON-Resistance Flatness: 10 Ohms (Max.)
• TTL/CMOS Logic Compatible (with +5V or ±5V supplies)
• Fast Switching Speed, tTRANS <250ns
• Break-Before-Make action eliminates momentary crosstalk
• Rail-to-Rail Analog Signal Range
• Low Power Consumption, 10µW
• Pin Compatible with MAX396
• SOIC and SSOP Packages Minimize Board Area
Description
The PS396 low-voltage, CMOS analog multiplexer offers low ON-
resistance (100 ohms max.), which is matched to within 6 ohms
between switches and remains flat over the specified signal range
(10 ohms max). The PS396 is a 16-channel device.
The PS396 are fabricated using Pericom’s 17V silicon gate process.
Design improvements yield extremely low charge injection (5pC
max).
This multiplexeroperateswithasingle+2.7Vto+16Vsupplyorwith
±2.7V to ±8V dual supplies, while retaining CMOS-logic input
compatibility and fast switching. The PS396 is pin compatible with
the MAX396.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS396
Precision, 16-Channel
17V Analog Multiplexer
Applications
• Data Acquisition Systems
• Audio Switching and Routing
• Test Equipment
• PBX, PABX
• Telecommunication Systems
• Battery-Powered Systems
6
9
3
S
P
3
A2
A1
A0
AN
E
n
O
h
c
ti
w
S
xx
x
x
0
e
n
o
N
00
0
0
1
1
00
0
1
1
2
00
1
0
1
3
00
1
1
1
4
01
0
0
1
5
01
0
1
1
6
01
1
0
1
7
01
1
1
1
8
10
0
0
1
9
10
0
1
1
0
1
10
1
0
1
1
1
10
1
1
1
2
1
11
0
0
1
3
1
11
0
1
1
4
1
11
1
0
1
5
1
11
1
1
1
6
1
V+
N.C.
N.C.
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
GND
N.C.
A3
COM
V–
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
EN
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
N.C. = NO INTERNAL CONNECTION
NO1
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
NO8
NO7
NO6
NO5
NO4
NO3
NO2
CMOS DECODERS/DRIVERS
V+
V–
GND
COM
A0
A1
A2
A3
EN
PS396 16-Channel Single-Ended Multiplexer
Functional Block Diagrams and Pin Configurations
Logic “0” = VAL
≤ 0.8V, Logic
“1” = VAH
≥ 2.4V


Similar Part No. - PS396WI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS396WI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
16-Channel CMOS Analog Multiplexer
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
Precision, 17V Analog Switches
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
Precision, Quad, SPDT, 17V Analog Switch
logo
NXP Semiconductors
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com