Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0500SMT-R Datasheet(PDF) 10 Page - ISOCOM COMPONENTS

Part # ICPL0500SMT-R
Description  The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0500SMT-R Datasheet(HTML) 10 Page - ISOCOM COMPONENTS

Back Button ICPL0500SMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 05/12/12
DC93163
Tape and Reel Packaging
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
Direction of feed from reel
Dimension No.
A0
A1
B0
D0
D1
E
F
Dimension (mm)
6.2±0.1
4.1±0.1
5.28±0.1
1.5±0.1
1.5±0.3
1.75±0.1
5.5±0.1
Dimension No.
Po
P1
P2
t
W
K0
K1
Dimension (mm)
4.0±0.1
8.0±0.1
2.0±0.1
0.4±0.1
12.0
+0.3/-0.1
3.7±0.1
0.3±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com