Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0500SMT-R Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ICPL0500SMT-R
Description  The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0500SMT-R Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ICPL0500SMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 05/12/12
DC93163
DESCRIPTION
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501
devices each consist of an infrared emitting diode,
optically coupled to a high speed photo detector
transistor. A separate connection for the photodiode
bias and output-transistor collector increase the speed
by several orders of magnitude over conventional
phototransistor couplers by reducing the
base-collector capacitance of the input transistor.
These devices belong to Isocom Compact Range of
optocouplers.
FEATURES
Half Pitch 1.27mm
High speed 1Mbit/s
15kV/μs min. Common Mode Transient Immunity
(ICPL0453)
High AC Isolation Voltage 3750Vrms
Guaranteed Performance from 0°C to 70°C
Wide Operating Temperature Range
-55°C to 100°C
Pb Free and RoHS Compliant
Halogen Free
Safety Approvals Pending
APPLICATIONS
Line Receivers
Telecommunication Equipments
Power Transistor Isolation in Motor Drives
Replacement of Low Speed Phototransistor
Optocouplers
Feedback Loop in Switch Mode Power Supplies
High Speed Logic Ground Isolation
Home Appliances
ORDER INFORMATION
Add T&R after PN for Surface Mount Tape &
Reel
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
25mA
Peak Forward Current
50mA
(50% duty cycle, 1ms pulse width)
Peak Transient Current
1A
(≤1μs pulse width, 300pps)
Reverse Voltage
5V
Power dissipation
45mW
Output
Output Current
8mA
Peak Output Current
16mA
Emitter-Base Reverse Voltage
5V
(ICPL0500 and ICPL0501 only)
Base Current
5mA
(ICPL0500 and ICPL0501 only)
Output Voltage
-0.5 to 20V
Supply Voltage
-0.5 to 30V
Power Dissipation
100mW
Total Package
Isolation Voltage
3750Vrms
Operating Temperature
-55 to 100 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1. NC
2. Anode
3. Cathode
4. NC
5. Gnd
6. Vout
7. VB
(ICPL0500/
ICPL0501)
NC
(ICPL0452/
ICPL0453)
8. VCC
ICPL0452 / ICPL0453
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
ICPL0500 / ICPL0501


Similar Part No. - ICPL0500SMT-R

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0500 ISOCOM-ICPL0500 Datasheet
547Kb / 10P
DESCRIPTION
More results

Similar Description - ICPL0500SMT-R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
List of Unclassifed Man...
ITR20002 ETC-ITR20002 Datasheet
502Kb / 9P
infrared emitting diode and an NPN silicon phototransistor
ITR9909 ETC-ITR9909 Datasheet
525Kb / 9P
An infrared Emitting Diode and an NPN silicon phototransistor
logo
ISOCOM COMPONENTS
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ICPL0501SMT-R ISOCOM-ICPL0501SMT-R Datasheet
547Kb / 10P
devices each consist of an infrared emitting diode,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com