Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0500SMT-R Datasheet(PDF) 4 Page - ISOCOM COMPONENTS

Part # ICPL0500SMT-R
Description  The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0500SMT-R Datasheet(HTML) 4 Page - ISOCOM COMPONENTS

  ICPL0500SMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0500SMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 05/12/12
DC93163
ELECTRICAL CHARACTERISTICS (TA = 0°C to 70°C unless otherwise specified)
Switching Characteristics (TA = 0°C to 70°C, IF = 16mA, VCC = 5V unless otherwise specified)
* Typical values at TA = 25°C
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Propagation Delay
Time to Logic Low
TPHL
ICPL0500
RL = 4.1kΩ, TA = 25°C
RL = 4.1kΩ
1.5
2.0
μs
ICPL0452/ ICPL0453 / ICPL0501
RL = 1.9kΩ, TA = 25°C
RL = 1.9kΩ
0.8
1.0
Propagation Delay
Time to Logic High
TPLH
ICPL0500
RL = 4.1kΩ, TA = 25°C
RL = 4.1kΩ
1.5
2.0
μs
ICPL0452/ ICPL0453 / ICPL0501
RL = 1.9kΩ, TA = 25°C
RL = 1.9kΩ
0.8
1.0
Common Mode
Transient Immunity
at Logic High
CMH
ICPL0500
IF = 0mA, VCM = 10Vp-p,
RL = 4.1KΩ, TA = 25°C
1000
V/μs
ICPL0452/ ICPL0501
IF = 0mA, VCM = 10Vp-p,
RL = 1.9kΩ, TA = 25°C
1000
ICPL0453
IF = 0mA, VCM = 1500Vp-p,
RL = 1.9kΩ, TA = 25°C
15000
Common Mode
Transient Immunity
at Logic Low
ICPL0500
IF = 16mA, VCM = 10Vp-p,
RL = 4.1kΩ, TA = 25°C
1000
V/μs
ICPL0452/ ICPL0501
IF = 16mA, VCM = 10Vp-p,
RL = 1.9kΩ, TA = 25°C
1000
ICPL0453
IF = 16mA, VCM = 1500Vp-p,
RL = 1.9kΩ, TA = 25°C
15000
CML



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com