Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPLW50LSMT-R Datasheet(PDF) 5 Page - ISOCOM COMPONENTS

Part # ICPLW50LSMT-R
Description  The ICPLW50L 1MBd digital optocoupler consists of a high efficient AlGaAs Light Emitting Diode and a high speed optical detector.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW50LSMT-R Datasheet(HTML) 5 Page - ISOCOM COMPONENTS

  ICPLW50LSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 25/07/2016
ICPLW50L
ISOCOM
COMPONENTS
DC93196
ELECTRICAL CHARACTERISTICS ((V
CC = 2.7 to 24V, IF = 3mA and TA = -40°C to 105°C,
unless otherwise specified)
ISOLATION
Note :
1.
A 0.1uF bypass capacitor must be connected across pin 6 and pin 4.
2.
CMH, Common Mode Transient Immunity in High stage is the maximum tolerable positive dVCM/dt on the leading edge of the common
mode impulse signal, VCM, to assure that the output will remain high (VO > 2.0V).
3.
CML, Common Mode Transient Immunity in Low stage is the maximum tolerable negative dVCM/dt on the trailing edge of the common
mode impulse signal, VCM, to assure that the output will remain low (VO < 0.8V).
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Insulation Voltage
VISO
t = 1 min,
TA = 25°C, RH ≤ 50%,
5000
V
Input - Output
Resistance
RI-O
VI-O = 500VDC
1012
Input - Output Insulation
Leakage Current
II-O
VI-O = 3kVDC, t = 5s,
TA = 25°C, RH 45%,
1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com