Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPLW50LSMT-R Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ICPLW50LSMT-R
Description  The ICPLW50L 1MBd digital optocoupler consists of a high efficient AlGaAs Light Emitting Diode and a high speed optical detector.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW50LSMT-R Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ICPLW50LSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 25/07/2016
ICPLW50L
ISOCOM
COMPONENTS
DC93196
ELECTRICAL CHARACTERISTICS (V
CC = 2.7 to 24V, IF = 3mA and TA = -40°C to 105°C,
unless otherwise specified)
INPUT
OUTPUT
COUPLED
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 3mA
1.2
1.4
1.8
V
Reverse Voltage
VR
IR = 10μA
5
V
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
High Level
Supply Current
ICCH
IF = 0mA, VCC = 30V,
VO = Open, TA = 25°C
2
μA
Low Level
Supply Current
ICCL
IF = 3mA, VCC = 30V
VO = Open
60
100
μA
High Level
Output Current
IOH
IF = 0mA, VO = VCC = 5.5V,
TA = 25°C
0.5
μA
IF = 0mA, VCC = 30V,
VO = 20V, TA = 25°C
1
IF = 0mA, VCC = 30V,
VO = 20V
80
Low Level
Output Voltage
VOL
IF = 3mA, VCC = 3.3V or 5V,
IO = 3mA, TA = 25°C
0.25
0.4
V
IF = 3mA, VCC = 3.3V or 5V,
IO = 1.6mA, TA = 25°C
0.25
0.5
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Current Transfer Ratio
CTR
IF = 3mA,
VCC = 3.3V or 5V,
VO = 0.4V,
TA = 25°C
90
125
200
%
IF = 3mA,
VCC = 3.3V or 5V,
VO = 0.5V,
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com