Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPLW50LSMT-R Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ICPLW50LSMT-R
Description  The ICPLW50L 1MBd digital optocoupler consists of a high efficient AlGaAs Light Emitting Diode and a high speed optical detector.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPLW50LSMT-R Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ICPLW50LSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPLW50LSMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 25/07/2016
ICPLW50L
ISOCOM
COMPONENTS
DC93196
DESCRIPTION
The ICPLW50L 1MBd digital optocoupler consists of a
high efficient AlGaAs Light Emitting Diode and a high
speed optical detector. The output of the optical
detector features an open collector Schottky clamped
transistor. The internal shield ensures high common
mode transient immunity.
The device is in Stretched SO6 package.
FEATURES
•
High speed – 1MBd typical
•
Stretched SO6 Package
•
Wide Operating Voltage Range
Vcc 2.7V to 24V
•
Low Drive Current 3mA
•
Package Clearance / Creepage 8mm
•
15kV/μs Minimum Common Mode Rejection
at VCM = 1500V
•
Guarantee Performance over
Temperature Range: -40°C to 105°C
•
TTL Compatible
•
Open collector output
•
Lead Free and RoHS Compliant
•
Safety Approvals Pending
APPLICATIONS
•
Digital Signal Isolation
•
Communications Interface
•
Micro-controller Interface
•
Digital Isolation for A/D, D/A Conversion
•
Switching Power Supplies
ORDER INFORMATION
•
Supplied in Tape and Reel
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Stresses exceeding the absolute maximum ratings can cause
permanent damage to the device.
Exposure to absolute maximum ratings for long periods of time
can adversely affect reliability.
Input
Output
Total Package
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
Forward Current
20mA
Forward Peak Current
(Pulse Width = 1ms, 50% Duty Cycle)
40mA
Forward Peak Transient Current
(Pulse Width = 1μs, 300pps)
1.0A
Reverse Voltage
5V
Power dissipation
36mW
Output Collector Current
8mA
Peak Output Current
16mA
Supply Voltage
-0.5 to 30V
Output Collector Voltage
-0.5 to 20V
Power Dissipation
100mW
Isolation Voltage
5000VRMS
Operating Temperature
-40 to 105 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
A 0.1μF bypass Capacitor must be connected between Pins 6 and 4.
1 Anode
2 NC
3 Cathode
4 GND
5 VO
6 VCC


Similar Part No. - ICPLW50LSMT-R

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPLW135 ISOCOM-ICPLW135 Datasheet
679Kb / 14P
High Speed 1Mbit/s
ICPLW136 ISOCOM-ICPLW136 Datasheet
679Kb / 14P
High Speed 1Mbit/s
ICPLW137 ISOCOM-ICPLW137 Datasheet
656Kb / 16P
High Speed 10Mbit/s
ICPLW2601 ISOCOM-ICPLW2601 Datasheet
656Kb / 16P
High Speed 10Mbit/s
ICPLW2611 ISOCOM-ICPLW2611 Datasheet
656Kb / 16P
High Speed 10Mbit/s
More results

Similar Description - ICPLW50LSMT-R

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H24B1 QT-H24B1 Datasheet
68Kb / 1P
THE H24B SERIES CONSISTS OF A GALLIUM ARSENIDE INFRARED EMITTING DIODE COUPLED WITH A SILICON PHOTOTRANSISTOR
logo
KODENSHI_AUK CORP.
PC-16T1 KODENSHI-PC-16T1 Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
NEC
NDL4201A NEC-NDL4201A Datasheet
33Kb / 2P
850nm OPTICAL FIBER COMMUNICATIONS AlGaAs LIGHT EMITTING DIODE
logo
KODENSHI_AUK CORP.
KPS1008C KODENSHI-KPS1008C Datasheet
137Kb / 3P
photo switch is composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M50L-500E AVAGO-ACPL-M50L-500E Datasheet
165Kb / 16P
Low Power, 1MBd Digital Optocoupler
logo
STMicroelectronics
AN2809 STMICROELECTRONICS-AN2809 Datasheet
725Kb / 22P
The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
11-Feb-2009
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
logo
Lumileds Lighting Compa...
DS115 LUMILEDS-DS115 Datasheet
3Mb / 23P
High-efficacy LED with a small light emitting surface and greater uniformity of light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com