Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9971 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 7Page - Richtek Technology Corporation RT9971 Datasheet HTML 8Page - Richtek Technology Corporation RT9971 Datasheet HTML 9Page - Richtek Technology Corporation RT9971 Datasheet HTML 10Page - Richtek Technology Corporation RT9971 Datasheet HTML 11Page - Richtek Technology Corporation RT9971 Datasheet HTML 12Page - Richtek Technology Corporation RT9971 Datasheet HTML 13Page - Richtek Technology Corporation RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
DS9971-01 April 2011
www.richtek.com
RT9971
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test
board of JEDEC 51-7 thermal measurement standard. The case point of
θJC is on the exposed pad for the WQFN
package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RTC LDO, CN = High
Input Voltage Range
VIN
--
--
5.5
V
Standby Current
VIN = 4.2V
--
5
8
µA
Output Voltage
VOUT
IOUT = 0mA
--
3.25
3.3
V
Maximum Output Current
VIN = 4.2V
60
--
--
mA
Dropout Voltage
VDROP
IOUT = 20mA
--
--
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com