Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9971 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation RT9971 Datasheet HTML 16Page - Richtek Technology Corporation RT9971 Datasheet HTML 17Page - Richtek Technology Corporation RT9971 Datasheet HTML 18Page - Richtek Technology Corporation RT9971 Datasheet HTML 19Page - Richtek Technology Corporation RT9971 Datasheet HTML 20Page - Richtek Technology Corporation RT9971 Datasheet HTML 21Page - Richtek Technology Corporation RT9971 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
DS9971-01 April 2011
www.richtek.com
RT9971
Table 5. Protection Items
Protection
type
Threshold (typical)
Refer to Electrical
spec.
Protection methods
IC
Shutdown
Delay time
Reset method
VDDM
OVP
VDDM > 6.25V
Automatic reset at VDDM < 6V
100ms
VDDM power
reset
CH1
Step-Up
Current
Limit
N-MOSFET current >
3A
N-MOSFET off, P-MOSFET off.
Automatic reset at next clock
cycle
100ms
VDDM power
reset
PVDD1
OVP
PVDD1 > 6.25V
N-MOSFET off, P-MOSFET off. No-delay
VDDM power
reset
CH2
Step-Up
Current
Limit
N-MOSFET current >
3A
N-MOSFET off, P-MOSFET off.
Automatic reset at next clock
cycle
100ms
VDDM power
reset
PVDD2
OVP
PVDD2 > 6.25V
N-MOSFET off, P-MOSFET off. No-delay
VDDM power
reset
CH2
Step-Down
Current
Limit
P-MOSFET current >
1.5A
N-MOSFET off, P-MOSFET off.
Automatic reset at next clock
cycle
100ms
VDDM power
reset
CH3
Step-Down
Current
Limit
P-MOSFET current >
1.5A
N-MOSFET off, P-MOSFET off.
Automatic reset at next clock
cycle
100ms
VDDM power reset
CH4
Step-Down
Current
Limit
P-MOSFET current >
1.5A
N-MOSFET off, P-MOSFET off.
Automatic reset at next clock
cycle
100ms
VDDM power
reset
CH5
Asyn
Step-Up
Current
Limit
N-MOSFET current >
1.2A
N-MOSFET off. Automatic reset
at next clock cycle
100ms
VDDM power
reset
CH6
Inverting
Current
Limit
P-MOSFET current >
1.5A
P-MOSF ET off. Automatic reset
at next clock cycle
100ms
VDDM power
reset
CH7
WLED
Current
Limit
N-MOSFET current >
0.8A
N-MOSFET off. Automatic reset
at next clock cycle
Not
Applicable
Automatic reset
at next clock
cycle
OVP
VOUT7 > 14V
Shutdown CH7
Not
Applicable
Reset by toggling
EN7
SW 1
UVP
VOUT1 < 1.75V after
SW1 soft start end
Automatic reset at
VOUT1 > 1.75V
100ms
VDDM power
reset
SW 5
OVP
SW5I > 18V
N-MOSFET off
No-delay
VDDM power
reset
UVP
SW5O < 0.4V after
SW5 soft start end
Automatic reset at
SW5O > 0.4V
100ms
VDDM power
reset
Thermal
Thermal
shutdown
Temperature > 160
°C All channels stop switching
No-delay
Temperature <
140
°C
CH2
Step-Down
UVP
FB2 < 0.4V after CH2
soft start end
N-MOSFET off, P-MOSFET off.
Automatic reset at FB2 > 0.4V
100ms
VDDM power
reset
CH3
Step-Down
UVP
FB3 < 0.4V after CH3
soft start end
N-MOSFET off, P-MOSFET off.
Automatic reset at FB3 > 0.4V
100ms
VDDM power
reset
CH4
Step-Down
UVP
FB4 < 0.4V after CH4
soft start end
N-MOSFET off, P-MOSFET off.
Automatic reset at FB4 > 0.4V
100ms
VDDM power
reset
CH5
UVP
FB5 < 0.8V after CH5
soft start end
N-MOSFET off.
No-delay
VDDM power
reset
CH6
UVP
FB6 > 0.4V
P-MOSF ET off.
No-delay
VDDM power
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com