Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9971 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation RT9971 Datasheet HTML 16Page - Richtek Technology Corporation RT9971 Datasheet HTML 17Page - Richtek Technology Corporation RT9971 Datasheet HTML 18Page - Richtek Technology Corporation RT9971 Datasheet HTML 19Page - Richtek Technology Corporation RT9971 Datasheet HTML 20Page - Richtek Technology Corporation RT9971 Datasheet HTML 21Page - Richtek Technology Corporation RT9971 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
DS9971-01 April 2011
www.richtek.com
RT9971
Step-Down :
The converter operates at fixed frequency PWM mode
and continuous current mode (CCM) with internal
MOSFETs, compensation network and synchronous
rectifier for up to 95% efficiency. The CH2 step-down
converter can be operated at 100% maximum duty cycle
to extend the input operating voltage range. While the
input voltage is close to the output voltage, the converter
enters low dropout mode.
The output voltage can be set by the following equation :
VOUT_CH2 = (1+R4/R5) x VFB2
Where VFB2 is 0.8V typically.
CH3 : Synchronous Step-Down DC/DC Converter
The converter operates at fixed frequency PWM mode,
CCM, integrated internal MOSFETs and compensation
network. The CH3 step-down converter can be operated
at 100% maximum duty cycle to extend the battery
operating voltage range. When the input voltage is close
to the output voltage, the converter could enter low dropout
mode with low output ripple.
The output voltage can be set by the following equation :
VOUT_CH3 = (1+R7/R8) x VFB3
Where VFB3 is 0.8V typically.
CH4 : Synchronous Step-Down DC/DC Converter
The converter operates at fixed frequency PWM mode,
CCM, integrated internal MOSFETs and compensation
network. The CH4 step-down converter can be operated
at 100% maximum duty cycle to extend battery operating
voltage range. When the input voltage is close to the output
voltage, the converter could enter low dropout mode with
low output ripple.
The output voltage can be set by the following equation :
VOUT_CH4 = (1+R9/R10) x VFB4
Where VFB4 is 0.8V typically.
CH5 : Step-Up DC/DC Converter
It integrates asynchronous step-up converter with an
internal N-MOSFET, internal compensation and an external
schottky diode to provide CCD positive power supply. The
converter is inactive until the SW5 soft-start procedure is
finished. This feature provides load disconnect function
and effectively limits inrush current at start up.
The output voltage can be set by the following equation :
VOUT_CH5 = (1+R11/R12) x VFB5
Where VFB5 is 1.25V typically.
SW5
SW5 is an internal switch enabled by EN5 and functions
as a load disconnection for CH5. This switch features soft-
start, Powe On Sequence, over voltage (for SW5I) and
under voltage (for SW5O) protection functions.
CH6 : INV DC/DC Converter
This converter integrates an internal P-MOSFET and an
external schottky diode to provide CCD negative power
supply.
The output voltage can be set by the following equation :
VOUT_CH6 = (R13/R14) x (-VREF)
Where R13 and R14 are the feedback resisters connected
to FB6, VREF equals to 1.25V in typical.
Charge Pumps
The charge pump will be enabled while the PVDD6 voltage
is lower than 3.6V. This CH provides pump voltage to
enhance P-MOSFET gate driving capability. This function
is not necessary while battery is Li-ion type.
Reference Voltage
The RT9971 provides a precise 1.25V reference voltage
with souring capability of 100
µA. Connect a 0.1µF ceramic
capacitor from the VREF pin to GND. Reference voltage
is enabled by connecting EN6 to logic high. Furthermore,
this reference voltage is internally pulled to GND at
shutdown.
CH7 : WLED Driver
It is an asynchronous step-up converter with an internal
MOSFET, internal compensation and an external schottky
diode to drive up to 3 WLED. This CH also features PWM
dimming control from EN7 pin and open diode protection.
In addition, CH7 will be turned on until the CH4 soft-start
is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com