Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ACDC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EB-ACDC
Description  DMS-EB-AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ACDC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EB-ACDC Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions
contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL,
Inc. trademark.
DS-0341B
09/02
DMS-EB-AC/DC
®
®
4. DC Current Measurements (Use +/-200mV Range DMS-30-0 Meters):
When using R2 location for a dc current-shunt, please note that the pc-
board copper traces which short out R1 can only carry currents up to
0.2A (200mA). However, dc currents up to 2A can be accommodated if a
20AWG jumper wire is soldered in location R1. Be sure R2 has a
sufficient power rating to safely carry the full load current. Refer to DMS
Application Note 6 for more information on dc ammeters.
1. Install R2: R2 = FSR / (IMAX . x 10000) where FSR is the desired meter
reading (0 up to 1999, disregarding any decimal points), and IMAX is
current in Amperes.
2. Configure the DMS-EB for span adjust using the procedure previously
outlined for the DMS-30-0 (+/-200mV range).
3. Apply the input signal (current) to TB1 (+) HI and (–) LO.
4. Adjust R4 for desired full scale readings.
5. Enable the appropriate decimal point using SG1, SG2, or SG3.
Example
Using a DMS-30-0 meter, a 0.100 Ampere input must read “100.0” mA on
the display.
R2 = 1000 / (0.1 x 10000)
R2 = 1 Ohm
Enable DP3 via SG3 for a display reading of “100.0”.
www.datel.com
ISO 9001
REGISTERED
Applications
100-264Vac POWER SUPPLY BOARD FOR DMS-30 METERS
Figure 3. R4 and R5 Installation
Figure 4. R1 and R2 Installation
12
R3
SG9
SG11
SG6
SG10
SG14
SG7
SG8
SG13
SG4
SG12
TB1
HI(+)
LO(–)
1
2
DP4
R5
R4
12
R3
SG9
SG11
SG6
SG14
SG7
SG8
SG13
SG4
SG12
TB1
HI(+)
LO(–)
1
2
DP4
R1
R2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com