Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ACDC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EB-ACDC
Description  DMS-EB-AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ACDC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EB-ACDC Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Figure 1. DMS-EB-AC/DC Simplified Schematic Diagram
Features
®
®
DATEL, Inc., Mansfield, MA02048 (USA)
? Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 ??? Email:sales@datel.com ?? Internet: www.datel.com
100-264Vac Power Supply
Accessory Board for
DMS-30PC/LCD Panel Meters
DMS-EB-AC/DC
? Allows meters to operate from 100
to 240Vac (50/60Hz)
? Screw-type terminal block connections
? Provides 1500V isolation between AC
supply and input signal
? Has prototyping features of the standard
DMS-EB board
? On-board solder gaps for decimal
point placement
? Same size as DMS-30/40 meters
2.02" (51.3mm)L x 0.82" (20.8mm)W
? Low cost
This low-cost accessory board provides an easy way of powering all DMS-
30PC-X-RL (red low-power models only), as well as all DMS-30LCD and DMS-
40LCD (non-backlit, +5V-powered models only) panel meters from 100-264Vac
(50/60Hz). The on-board AC/DC converter provides an isolated +5Vdc to power the
meter’s electronics, while providing 1500Vac isolation between the AC supply and
the input signal being measured. Line power and input signals connect to two
rugged, screw-style terminal blocks (TB1 & TB2) permanently mounted on the
DMS-EB-AC/DC. This type of terminal block provides reliable mechanical connec-
tions and eliminates the need for any extra wiring harness connectors.
The DMS-EB-AC/DC board includes provisions for installing several user-
supplied components that are required when the meter must be scaled to display
non-standard input ranges. The DMS-EB-AC/DC has provisions for such common
applications as attenuation of high input voltages, gain (span) and offset (zero)
adjustments, and direct decimal point placement. The DMS-EB-AC/DC is compat-
ible with all four input versions of the DMS-30 Series meters (±200mV, ±2V, ±20V
and ±200V). Solder gaps, conveniently placed on the board, are easily bridged or
cut to configure the board to meet each application’s specific requirements.


Ž
Ž
Œ
Refer to Mechanical Layout drawing for components and
solder gap location.

Components are user-supplied and not part of the
standard product.
Ž
R4 and R5 are part of the resistor accessory kit RN-DMS
(see ordering information)

SG5 is not used
Order on-line at www.datel.com
R3
R5
10.5k
50k
R4
2k
SG7
SG11
R1
R2
SG10
SG14
SG6
SG9
SG8
SG4
SG12
SG3
SG2
SG1
(–) INPUT LO
(+) INPUT HI
ANALOG
COMMON
+1.23V
REF. OUT
REF. OUT/DP4
REF. IN
+VOUT
+VIN
–VIN
–VOUT
DC/DC
CONVERTER
+
12
11
8
7
10
9
3
4
5
6
2
1
TB2
1
2
1
2
Closed solder gap
Open solder gap
DP 3
DP 2
DP 1
5V
RETURN
+5V
SUPPLY
HI
(+)
LO
(–)
AC
LO
AC
HI
TB1
SG13
NEW DESIGN!
Wider Operating Range
1500V Isolation, Easier To Modify


Similar Part No. - EB-ACDC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
More results

Similar Description - EB-ACDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-EB-RMS ETC-DMS-EB-RMS Datasheet
153Kb / 1P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Murata Power Solutions ...
DMS-BZL1-C MURATA-PS-DMS-BZL1-C Datasheet
124Kb / 2P
Panel Mount Bezels for DMS Meters
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
EB-DCDC MURATA-EB-DCDC Datasheet
136Kb / 2P
DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Adam Technologies, Inc.
LFH-60-SL-A-M3 ADAM-TECH-LFH-60-SL-A-M3 Datasheet
91Kb / 1P
DMS CONNECTOR DIP TYPE
LFH-60-SL-A-M3-X58 ADAM-TECH-LFH-60-SL-A-M3-X58 Datasheet
92Kb / 1P
DMS CONNECTOR DIP TYPE
logo
PHOENIX CONTACT
3009338 PHOENIX-3009338 Datasheet
56Kb / 2P
EB 80-12
logo
List of Unclassifed Man...
E3150 ETC-E3150 Datasheet
220Kb / 2P
EB SERIES TRANSISTORS
EB203D ETC-EB203D Datasheet
648Kb / 3P
EB SERIES TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com