Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ACDC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EB-ACDC
Description  DMS-EB-AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ACDC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EB-ACDC Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ACDC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100-264Vac POWER SUPPLY BOARD FOR DMS-30 METERS
DMS-EB-AC/DC
Functional Specifications
(TA = +25°C)
Ordering Information
DMS-EB-AC/DC
AC power supply board
RN-DMS
Resistor accessory kit for DMS-30 meters
AC Supply Voltage:
100 to 264Vac @ 47-68Hz
AC Supply Current @ 264Vac/60Hz
60mA, maximum
Isolation
1500Vac, minimum
Operating Temperature Range
0 to +60°C
Storage Temperature range
–25 to +75°C
Humidity
0 to 95%, non-condensing
Dimensions
2.02" (51.31mm)L x 0.82" (20.8mm)W x 0.60" (15.3mm)D
TB1 and TB2 Wire Size and Strip Length
Wire Size
16 to 22 AWG (solid or stranded)
Strip Length
0.25" (6.35mm)
Screw Torque 3.6 pound-inches (0.4Nm)
Rated Voltage 310Vac
Introduction
As shipped, the DMS-EB-AC/DC is configured for use with +5V-powered
DMS-30PC or DMS-30LCD 3½ digit meters using the meter’s internal
reference (SG13 is closed). This configuration is the most common and
works well for most simple voltage measurements. Please read all of the
following technical notes and perform any required modifications
before
soldering the DMS-EB-AC/DC onto the host meter.
Many of the applications described below apply to both DMS-30 (3½ digit
resolution) and DMS-40 (4½ digit resolution) meters. However, Application 5,
installing the span (R4) and offset (R5) adjust potentiometers, can only be
used with DMS-30PC/LCD meters. Also note that some of the other
applications require the installation of R4 and R5.
See Technical Note 4
when using the DMS-EB-AC/DC with DMS-40LCD meters.
!IMPORTANT! AC power must be disconnected from TB2 terminals 1
and 2 before making modifications or installing user-supplied
components on the DMS-EB-AC/DC board! In many applications, the
DMS-EB-AC/DC installation is subject to electrical-code requirements (for
example, the NEC in the USA). Fusing, grounding, wire gauges, and leakage
currents may be regulated items. Since the DMS-EB-AC/DC is a line-
operated device, it presents a shock hazard and should be installed only by
qualified personnel. Do not hesitate to contact DATEL if you have any
questions.
Technical Notes
1. Soldering and Wiring: DATEL recommends the use of “no-clean”
solders when installing components or making modifications to the DMS-
EB-AC/DC. Before mating the DMS-EB-AC/DC to the host meter,
ensure that modifications, if any, have been correctly made and that all
cut solder-gaps are fully open. Align pin 1 of the meter with pin 1 of the
DMS-EB-AC/DC, slide the board down flush to the meter’s housing and
solder all 12 pins. Lastly, carefully cut the meter’s 12 pins as close as
possible to the pc-board surface.
Making absolutely sure that the AC supply is de-energized (OFF),
connect the AC supply to TB2 terminals 1 (AC LO) and 2 (AC HI).
Connect the input signal being measured to TB1 terminals 1 (+HI) and 2
(-LO).
2. Grounding/Isolation: Because DMS-30 and DMS-40 meters are housed
in a plastic case, a connection to AC earth ground is not required. When
wired per the instructions above, the DMS-EB-AC/DC board provides a
minimum of 1500V isolation between its AC supply input (TB2) and its
input signal (TB1). However, please keep in mind that in many applica-
tions the LO side of the input signal may be connected to AC ground
(i.e., earth ground) elsewhere in the system.
Any Issues pertaining to
grounding and/or isolation of the DMS-EB-AC/DC power supply
board must be referred to qualified technical personnel.
3. Input Resistor Dividers (See Figure 4): Use 1%, or better, metal film
resistors for R1 and R2 in DMS-30 applications, and 0.5%, or better, in
DMS-40LCD applications. Make sure the resistor’s power and voltage
ratings are adequate for the given application. Using tight-tolerance
resistors in input scaling circuits allows most calibration adjustments to
be made with the meter’s internal rear-mounted potentiometers, through
the access holes provided (see Technical Note 5 below).
4. DMS-40LCD Meters: The RN-DMS resistor accessory kit, comprised of
potentiometers R4 (Gain/Span) and R5 (Offset/Zero),
cannot be used
with DMS-40LCD Series meters. However, to change the input range on
DMS-40LCD meters from the default low-range (i.e., with pin 2 of the
meter open) to the high range, short pin 2 to pin 1 (+5V) on the top right
side of DMS-EB-AC/DC board (refer to Figure 2 and the DMS-40LCD
data sheet for more information).
5. Calibration Potentiometer Adjustment Holes: Two overlapping holes
on the DMS-EB-AC/DC provide access to the built-in ¾-turn calibration
potentiometer on DMS-30 meters or the 3-turn potentiometer on DMS-
40LCD meters. The adjustment range of both pots is very narrow. See the
applicable product data sheet for more information on each meter’s
calibration potentiometers.
6. Solder Gap Identification (See Figure 2): Each solder gap’s respective
number is printed directly on the pc-board surface in copper etch. Be sure
to double check all solder gap modifications before applying ac power and
the input signal to the DMS-EB-AC/DC.
7. AC Supply Transients: The DMS-EB-AC/DC can withstand transients
typically found in instrumentation environments. Installations which
contain ac-powered equipment capable of generating large voltage and/or
current surges should use external energy-clamping devices. A 1500 Watt
bi-directional transzorb with a minimum stand-off voltage rating that
matches the highest line-voltage
peaks will provide additional protection
under severe fault conditions. If a transzorb or other energy limiting device
is used, the ac supply feeding the DMS-EB-AC/DC should have its own
fuse. Refer to the fusing section for more information.
8. AC Supply Fusing: The DMS-EB-AC/DC board does not have an
internal fusing device. If required, a 0.2A slow-acting fuse is recom-
mended. Be sure the fuse is rated for the applied line voltage.
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com