Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97U877 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS97U877
Description  1.8V Wide Range Frequency Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97U877 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS97U877 Datasheet HTML 1Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 2Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 3Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 4Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 5Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 6Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 7Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 8Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS97U877
0792A—04/15/04
Pin Descriptions
l
a
n
i
m
r
e
T
e
m
a
N
n
o
i
t
p
i
r
c
s
e
D
l
a
c
i
r
t
c
e
l
E
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
D
N
G
Ad
n
u
o
r
G
g
o
l
a
n
A
d
n
u
o
r
G
V
A
D
D
r
e
w
o
p
g
o
l
a
n
A
l
a
n
i
m
o
n
V
8
.
1
T
N
I
_
K
L
Cr
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
K
L
C
r
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
c
y
r
a
t
n
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
C
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
E
O)
s
u
o
n
o
r
h
c
n
y
s
A
(
e
l
b
a
n
E
t
u
p
t
u
O
t
u
p
n
i
S
O
M
C
V
L
S
OV
r
o
D
N
G
o
t
d
e
i
t
(
t
c
e
l
e
S
t
u
p
t
u
O
Q
D
D
)t
u
p
n
i
S
O
M
C
V
L
D
N
Gd
n
u
o
r
G
d
n
u
o
r
G
V
Q
D
D
r
e
w
o
p
t
u
p
t
u
o
d
n
a
c
i
g
o
L
l
a
n
i
m
o
n
V
8
.
1
]
9
:
0
[
T
K
L
Cs
t
u
p
t
u
o
k
c
o
l
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
]
9
:
0
[
C
K
L
Cs
t
u
p
t
u
o
k
c
o
l
c
y
r
a
t
n
e
m
e
l
p
m
o
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
B
Nll
a
b
o
N
The PLL clock buffer, ICS97U877, is designed for a VDDQ of 1.8 V, a AVDD of 1.8 V and differential data input and output
levels. Package options include a plastic 52-ball VFBGA and a 40-pin MLF.
ICS97U877 is a zero delay buffer that distributes a differential clock input pair (CLK_INT, CLK_INC) to ten differential
pair of clock outputs (CLKT[0:9], CLKC[0:9]) and one differential pair feedback clock outputs (FB_OUTT, FBOUTC).
The clock outputs are controlled by the input clocks (CLK_INT, CLK_INC), the feedback clocks (FB_INT, FB_INC), the
LVCMOS program pins (OE, OS) and the Analog Power input (AVDD).When OE is low, the outputs (except FB_OUTT/
FB_OUTC) are disabled while the internal PLL continues to maintain its locked-in frequency. OS (Output Select) is a
program pin that must be tied to GND or VDDQ.When OS is high, OE will function as described above.When OS is low,
OE has no effect on CLKT7/CLKC7 (they are free running in addition to FB_OUTT/FB_OUTC).When AVDD is grounded,
the PLL is turned off and bypassed for test purposes.
When both clock signals (CLK_INT, CLK_INC) are logic low, the device will enter a low power mode. An input logic
detection circuit on the differential inputs, independent from the input buffers, will detect the logic low level and perform
a low power state where all outputs, the feedback and the PLL are OFF.When the inputs transition from both being logic
low to being differential signals, the PLL will be turned back on, the inputs and outputs will be enabled and the PLL
will obtain phase lock between the feedback clock pair (FB_INT, FB_INC) and the input clock pair (CLK_INT, CLK_INC)
within the specified stabilization time tSTAB.
The PLL in ICS97U877 clock driver uses the input clocks (CLK_INT, CLK_INC) and the feedback clocks (FB_INT,
FB_INC) to provide high-performance, low-skew, low-jitter output differential clocks (CLKT[0:9], CLKC[0:9]).ICS97U877
is also able to track Spread Spectrum Clocking (SSC) for reduced EMI.
ICS97U877 is characterized for operation from 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com