Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97U877 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS97U877
Description  1.8V Wide Range Frequency Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97U877 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS97U877 Datasheet HTML 1Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 2Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 3Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 4Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 5Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 6Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 7Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 8Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
ICS97U877
0792A—04/15/04
Block Diagram
1.8V Wide Range Frequency Clock Driver
Pin Configuration
40-Pin MLF
Recommended Application:
•
DDR2 Memory Modules / Zero Delay Board Fan Out
•
Provides complete DDR DIMM logic solution with
ICSSSTU32864
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
1 to 10 differential clock distribution (SSTL_18)
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
•
Auto PD when input signal is at a certain logic state
Switching Characteristics:
•
Period jitter: 40ps
•
Half-period jitter: 60ps
•
CYCLE - CYCLE jitter 40ps
•
OUTPUT - OUTPUT skew: 40ps
A
B
123456
C
D
E
F
G
H
J
K
VDDQ
CLKC2
CLKT2
CLK_INT
CLK_INC
VDDQ
AGND
AVDD
VDDQ
GND
CLKC7
CLKT7
VDDQ
FB_INT
FB_INC
FB_OUTC
FB_OUTT
VDDQ
OE
OS
1
10
11
20
21
31
30
40
ICS97U877
52-Ball BGA
Top View
CLKT0
CLKC0
CLKT1
CLKC1
CLKT2
CLKC2
CLKT3
CLKC3
CLKT4
CLKC4
CLKT5
CLKC5
CLKT6
CLKC6
CLKT7
CLKC7
CLKT8
CLKC8
CLKT9
CLKC9
FB_OUTT
FB_OUTC
AV
DD
FB_INT
CLK_INT
CLK_INC
FB_INC
PLL
Powerdown
Control and
Test Logic
OE
LD* or OE
PLL bypass
LD*
LD*, OS or OE
OS
GND
10K-100k
* The Logic Detect (LD) powers down the device when a
logic low is applied to both CLK_INT and CLK_INC.
12345
6
A
CLKT1
CLKT0
CLKC0
CLKC5
CLKT5
CLKT6
B
CLKC1
GND
GND
GND
GND
CLKC6
C
CLKC2
GND
NB
NB
GND
CLKC7
D
CLKT2
VDDQ
VDDQ
VDDQ
OS
CLKT7
E
CLK_INT
VDDQ
NB
NB
VDDQ
FB_INT
F
CLK_INC
VDDQ
NB
NB
OE
FB_INC
G
AGND
VDDQ
VDDQ
VDDQ
VDDQ
FB_OUTC
H
AVDD
GND
NB
NB
GND
FB_OUTT
J
CLKT3
GND
GND
GND
GND
CLKT8
K
CLKC3
CLKC4
CLKT4
CLKT9
CLKC9
CLKC8


Similar Part No. - ICS97U877

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS97U877 RENESAS-ICS97U877 Datasheet
864Kb / 14P
1.8V Wide Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
ICS97U877AKLF ICST-ICS97U877AKLF Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
ICS97U877YH-T ICST-ICS97U877YH-T Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
More results

Similar Description - ICS97U877

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Integrated Device Techn...
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
1.8V Wide Range Frequency Clock Driver
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U877 RENESAS-ICS97U877 Datasheet
864Kb / 14P
1.8V Wide Range Frequency Clock Driver
2019
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com