Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97U877 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS97U877
Description  1.8V Wide Range Frequency Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97U877 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS97U877 Datasheet HTML 2Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 3Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 4Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 5Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 6Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 7Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 8Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 9Page - Integrated Circuit Systems ICS97U877 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ICS97U877
0792A—04/15/04
Notes:
1.
Switching characteristics guaranteed for application frequency range.
2.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 70°C Supply Voltage AVDD, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
1.8V+0.1V @ 25°C
95
370
MHz
Application Frequency Range
freqApp
1.8V+0.1V @ 25°C
160
350
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
Switching Characteristics
1
TA = 0 - 70°C Supply Voltage AVDD, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Output enable time
ten
OE to any output
4.73
8
ns
Output disable time
tdis
OE to any output
5.82
8
ns
Period jitter
tjit (per)
-30
30
ps
Half-period jitter
tjit(hper)
-60
60
ps
Input Clock
1
2.5
4
v/ns
Output Enable (OE), (OS)
0.5
v/ns
Output clock slew rate
SLr1(o)
1.5
2.5
3
v/ns
tjit(cc+)
040
ps
tjit(cc-)
0
-40
ps
Dynamic Phase Offset
t( )dyn
-20
20
ps
Static Phase Offset
tSPO
2
-50
0
50
ps
Output to Output Skew
tskew
40
ps
SSC modulation frequency
30.00
33
kHz
SSC clock input frequency
deviation
0.00
-0.50
%
PLL Loop bandwidth (-3 dB
from unity gain)
2.0
MHz
Cycle-to-cycle period jitter
Input slew rate
SLr1(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com