Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS22F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS22F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS22F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS22F~SS220F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
表面贴装肖特基整流二极管,反向电压:20~200V,正向电流:2.0A,薄型 SMAF 封装。
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
thin package.
低功耗,效率高,浪涌电流大,适用于低压高频逆变器和极性保护,适用于表面贴装。无卤产品。
Low power loss, high efficiency, High forward surge current capability, For use in low voltage, high
frequency inverters, and polarity protection applications, For surface mounted applications. Halogen
free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - SS22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS22F ETC2-SS22F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
628Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS22F CHENDA-SS22F Datasheet
812Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS22F DGNJDZ-SS22F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS22F

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Leshan Radio Company
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
logo
Foshan Blue Rocket Elec...
SS12F FOSHAN-SS12F Datasheet
951Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
SS32F FOSHAN-SS32F Datasheet
898Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
logo
AiT Semiconductor Inc.
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com