Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS22F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS22F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS22F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS22F~SS220F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SS22F
SS24F
SS26F
SS28F SS210F SS212F SS215F SS220F
Maximum Repetitive
Peak Reverse
Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS
voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC
Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average
Forward Rectified
Current
IF(AV)
2.0
A
Peak Forward Surge
Current,8.3ms
Single Half
Sine-wave
Superimposed
on Rated Load
(JEDEC method)
IFSM
50
40
A
Typical Junction
Capacitance
1)
Cj
220
80
pF
Typical Thermal
Resistance
2)
RθJA
70
℃
/W
Operating Junction
Temperature Range
Tj
-55~+125
℃
Storage Temperature
Range
Tstg
-55~+150
℃
Note:
1) Measured at 1MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
SS22F
SS24F
SS26F
SS28F SS210F SS212F SS215F SS220F
Max
Instantaneous
Forward
Voltage
VF
IF=2.0A
0.55
0.70
0.85
0.95
V
Maximum DC
Reverse
Current
at Rated DC
Reverse
Voltage
IR
Ta=25℃
0.5
0.3
mA
Ta=100℃
5.0
/
Ta=125℃
/
5.0
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com