Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22F Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS22F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS22F Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS22F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS22F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS22F~SS220F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com