Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACplug-EU2 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # ACplug-EU2
Description  12W AC-DC High Reliability Interchangeable Medical Adaptor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ACplug-EU2 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  ACplug-EU2 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ACplug-EU2 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Plug Assignment
Standard plug: P1J
※USB connection
Optional lock type plug: P2S
SWITCHCRAFT S761K plug equivalent
P/N
OUTPUT
P1J
CENTER
+
GEM12 series
I
12W AC-DC High Reliability Interchangeable Medical Adaptor
File Name:GEM12 -SPEC
I
2017-04-14
73.9
USB Type A
1
2
3
4
+V
D-
D+
-V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com